Electronic Components Datasheet Search
  English  ▼

X  

MAX3480BCPI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3480BCPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480BCPI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3480BCPI Datasheet HTML 2Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 9Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC_ = 3.3V, TA = +25°C, unless otherwise noted.)
0.1
10
1
100
DRIVER ENABLE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
MAX3480A
MAX3480B
RL = 54Ω, DI´ = 0V MEASURED FROM
DE
´ TO VALID OUTPUT
350
0
MAX3480A
SUPPLY CURRENT vs. SUPPLY VOLTAGE
300
250
SUPPLY VOLTAGE (V)
100
150
50
3.0
3.2
3.4
3.6
3.8
200
DE
´ HIGH, 50
Ω LOAD
DE
´ HIGH, 100
Ω LOAD
DE
´ LOW, DI´ LOW
DE
´ LOW, DI´ HIGH
300
0
MAX3480B
SUPPLY CURRENT vs. SUPPLY VOLTAGE
200
250
SUPPLY VOLTAGE (V)
100
50
3.0
3.2
3.6
3.4
3.8
150
DE
´ HIGH,
100
Ω LOAD
DE
´ HIGH, 50
Ω LOAD
DE
´ LOW, DI´ LOW
DE
´ LOW, DI´ HIGH
MAX3480B DRIVER INPUT (AB)
AND RECEIVER OUTPUT (RO)
CIRCUIT OF FIGURE 2, TERMINATION: 100
Ω
DE
´ INPUT,
2V/div
A
B
RO,
74HC240,
2V/div
1µs/div
DI,
2V/div
MAX3480A DRIVER INPUT (AB)
AND RECEIVER OUTPUT (RO)
CIRCUIT OF FIGURE 2, TERMINATION: 100
Ω
100ns/div
DE
´ INPUT,
2V/div
A
B
RO,
74HC240,
DI,
2V/div
2V/div
MAX3480A DRIVER ENABLE (AB)
AND RECEIVER OUTPUT (RO)
CIRCUIT OF FIGURE 2, TERMINATION: 100
Ω
DE
´ INPUT,
1V/div
A, 1V/div
B, 2V/div
100ns/div
MAX3480B DRIVER ENABLE (AB)
AND RECEIVER OUTPUT (RO)
CIRCUIT OF FIGURE 2, TERMINATION: 100
Ω
DE
´ INPUT,
1V/div
A, 1V/div
B, 2V/div
25µs/div
0.1
10
1
100
DRIVER DISABLE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
MAX3480A
MAX3480B
RL = 54Ω, DI´ = 0V MEASURED FROM
DE
´ TO VALID OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com