Electronic Components Datasheet Search
  English  ▼

X  

9DB433 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # 9DB433
Description  SMBus Interface; unused outputs can be disabled
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB433 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button 9DB433 Datasheet HTML 7Page - Integrated Circuit Systems 9DB433 Datasheet HTML 8Page - Integrated Circuit Systems 9DB433 Datasheet HTML 9Page - Integrated Circuit Systems 9DB433 Datasheet HTML 10Page - Integrated Circuit Systems 9DB433 Datasheet HTML 11Page - Integrated Circuit Systems 9DB433 Datasheet HTML 12Page - Integrated Circuit Systems 9DB433 Datasheet HTML 13Page - Integrated Circuit Systems 9DB433 Datasheet HTML 14Page - Integrated Circuit Systems 9DB433 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
11
9DB433
REV G 08/25/15
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (Selectable)
Pin #
Name
Control Function
Type0
1
Default
Bit 7
PD_Mode
PD# drive mode
RW
driven
Hi-Z
1
Bit 6
OE_Mode
OE#_Stop drive mode
RW
driven
Hi-Z
1
Bit 5
0
Bit 4
X
Bit 3
MODE1
BYPASS#/PLL1
RW
Latched
Bit 2
1
Bit 1
MODE0
BYPASS#/PLL0
RW
Latched
Bit 0
SRC_DIV#
SRC Divide by 2 Select
RW
x/2
x/1
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
1
Bit 6
DIF_6
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_5
Output Enable
RW
Disable
Enable
1
Bit 4
1
Bit 3
1
Bit 2
DIF_2
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_1
Output Enable
RW
Disable
Enable
1
Bit 0
1
NOTE: The SMBus Output Enable Bit must be '1' AND the respective OE pin must be active for the output to run!
SMBus Table: OE Pin Control Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
0
Bit 6
DIF_6
DIF_6 Stoppable with OE6#
RW
Free-run
Stoppable
0
Bit 5
DIF_5
DIF_5 Stoppable with OE5#
RW
Free-run
Stoppable
0
Bit 4
0
Bit 3
0
Bit 2
DIF_2
DIF_2 Stoppable with OE2#
RW
Free-run
Stoppable
0
Bit 1
DIF_1
DIF_1 Stoppable with OE1#
RW
Free-run
Stoppable
0
Bit 0
0
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
NOTE: Only OE1# and OE6# are available on 28-TSSOP/SSOP packages. If you wish the default to be "Stoppable" see the 9DB434.
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
6,7
Reserved
Byte 3
Reserved
Reserved
19,20
9,10
Reserved
6,7
22,23
Byte 1
9,10
Byte 2
Byte 0
-
-
-
-
-
Reserved
22,23
19,20
-
-
-
See Operating Mode
Readback Table
See Operating Mode
Readback Table
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com