Electronic Components Datasheet Search
  English  ▼

X  

9DB433 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # 9DB433
Description  SMBus Interface; unused outputs can be disabled
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB433 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button 9DB433 Datasheet HTML 9Page - Integrated Circuit Systems 9DB433 Datasheet HTML 10Page - Integrated Circuit Systems 9DB433 Datasheet HTML 11Page - Integrated Circuit Systems 9DB433 Datasheet HTML 12Page - Integrated Circuit Systems 9DB433 Datasheet HTML 13Page - Integrated Circuit Systems 9DB433 Datasheet HTML 14Page - Integrated Circuit Systems 9DB433 Datasheet HTML 15Page - Integrated Circuit Systems 9DB433 Datasheet HTML 16Page - Integrated Circuit Systems 9DB433 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
16
9DB433
REV G 08/25/15
Revision History
Rev.
Issue Date Who Description
Page #
A
6/30/2010 RDW Released to final
B
5/9/2011
RDW
1. Update pin 1 pin-name and pin description from VDD to VDDR. This
highlights that optimal peformance is obtained by treating VDDR as in
analog pin. This is a document update only, there is no silicon change.
Various
C
3/13/2012 RDW
1. Added additional line to PLL Bandwidth "-3dB point in High BW Mode"
conditions for industrial mode (min1.5, typ 2.7, max 4.1 MHz)
2. Added additional line to Skew, Input to Output "Bypass Mode"
conditions for industrial mode (min 2500, max 4900 ps)
6
D
7/5/2012
RDW 1. Changed references of PCIe Gen3 to PCIe Gen1,2,3
1
E
7/12/2012 RDW 1. Added missing typical values to DS.
Various
F
9/18/2012 RDW
Updated Byte 2, bits 1, 2, 5 and 6 per char review. Outputs can be
programmed with Byte 2 to be Stoppable or Free-Run with DIF_Stop pin,
not the OE pins.
Various
F
9/30/2013 RDW Corrected typo in ordering information for 28-SSOP I-temp device.
15
G
8/14/2015 RDW
1. Corrected default value of Byte 2 to 00hex. Added note referring to
9DB434 if FFhex is the desired default.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com