Electronic Components Datasheet Search
  English  ▼

X  

MAX378 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX378
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX378 Datasheet HTML 1Page - Maxim Integrated Products MAX378 Datasheet HTML 2Page - Maxim Integrated Products MAX378 Datasheet HTML 3Page - Maxim Integrated Products MAX378 Datasheet HTML 4Page - Maxim Integrated Products MAX378 Datasheet HTML 5Page - Maxim Integrated Products MAX378 Datasheet HTML 6Page - Maxim Integrated Products MAX378 Datasheet HTML 7Page - Maxim Integrated Products MAX378 Datasheet HTML 8Page - Maxim Integrated Products MAX378 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, V- = -15V; VAH (Logic Level High) = +2.4V, VAL (Logic Level Low) = +0.8V, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage between Supply Pins ..............................................+44V
V+ to Ground ...................................................................+22V
V- to Ground......................................................................-22V
Digital Input Overvoltage:
V+......................................................................+4V
V- ........................................................................-4V
Analog Input with Multiplexer Power On..............................±65V
Recommended
V+ .....................................+15V
Power Supplies
V- .......................................-15V
Analog Input with Multiplexer Power Off..............................±80V
Continuous Current, IN or OUT...........................................20mA
Peak Current, IN or OUT
(Pulsed at 1ms, 10% duty cycle max) ............................40mA
Power Dissipation (Note 1) (CERDIP) ................................1.28W
Operating Temperature Range:
MAX378/379C .....................................................0°C to +70°C
MAX378/379E ..................................................-40°C to +85°C
MAX378/379M ...............................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
(Note 4)
VIN = ±60V, VOUT = ±10V
(Notes 3, 4)
(Note 2)
MAX379 only
(Note 6)
VA = 5V or 0V (Note 5)
VOUT = 0V, VIN = ±60V
(Notes 3, 4)
(Note 4)
µA
-1.0
1.0
IA
Input Leakage Current
(High or Low)
V
2.4
VAH
Input High Threshold
-100
100
k
Ω
3.0
4.0
V
0.8
VAL
Input Low Threshold
µA
25
IIN(OFF)
Input Leakage Current
(with Overvoltage)
µA
10
V
-15
+15
VAN
Analog Signal Range
nA
-50
50
IDIFF
Differential OFF Output
Leakage Current
nA
20
IOUT(OFF)
Output Leakage Current
(with Input Overvoltage)
VEN, VA
{
{}
Note 1: Derate 12.8mW/°C above TA = +75°C
VOUT = ±10V, IIN = 100µA
VAL = 0.8V, VAH = 2.4V
2.0
3.0
rDS(ON)
ON Resistance
Full
+25°C
Full
Full
Full
+25°C
Full
+25°C
-1.0
1.0
2.4
-100
100
3.0
4.0
0.8
40
20
-15
+15
-50
50
20
2.0
3.5
nA
-50
50
VIN = ±10V, VOUT =
10V
VEN = 0.8V (Note 6)
-0.5
0.03
0.5
IIN(OFF)
OFF Input Leakage Current
+25°C
-50
50
-1.0
0.03
1.0
nA
-200
200
VOUT = ±10V, VIN =
10V
VEN = 0.8V
MAX378
(Note 6)
MAX379
-1.0
0.1
1.0
IOUT(OFF)
OFF Output Leakage Current
+25°C
-200
200
-2.0
0.1
2.0
nA
-600
600
VIN(ALL) = VOUT = ±10V
VAH = VEN = 2.4V
MAX378
VAL = 0.8V (Note 5)
MAX379
-10
0.1
10
IOUT(ON)
ON Channel Leakage Current
+25°C
-600
600
-20
0.1
20
-300
300
-300
300
VIN = ±75V, VEN = VOUT = 0V
A0 = A1 = A2 = 0V or 5V
µA
10
IIN(OFF)
Input Leakage Current
(with Power Supplies Off)
+25°C
20
MIN TYP MAX
MIN TYP MAX
CONDITIONS
UNITS
-55°C to +125°C
SYMBOL
PARAMETER
TEMP
0°C to +70°C
and
-40°C to +85°C
STATIC
FAULT
CONTROL
Full
Full
Full
Full
Full
Full
Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com