Electronic Components Datasheet Search
  English  ▼

X  

MAX378 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX378
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX378 Datasheet HTML 3Page - Maxim Integrated Products MAX378 Datasheet HTML 4Page - Maxim Integrated Products MAX378 Datasheet HTML 5Page - Maxim Integrated Products MAX378 Datasheet HTML 6Page - Maxim Integrated Products MAX378 Datasheet HTML 7Page - Maxim Integrated Products MAX378 Datasheet HTML 8Page - Maxim Integrated Products MAX378 Datasheet HTML 9Page - Maxim Integrated Products MAX378 Datasheet HTML 10Page - Maxim Integrated Products MAX378 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
_______________________________________________________________________________________
7
Input switching, however, must be done with a fault-
protected MAX378 multiplexer, to provide the level of
protection and isolation required with most data acqui-
sition inputs. Since external signal sources may contin-
ue to supply voltage when the multiplexer and system
power are turned off, non-fault-protected multiplexers,
or even first-generation fault-protected devices, will
allow many milliamps of fault current to flow from out-
side sources into the multiplexer. This could result in
damage to either the sensors or the multiplexer. A non-
fault-protected multiplexer will also allow input overvolt-
ages to appear at its output, perhaps damaging
Sample/Holds or A/Ds. Such input overdrives may also
cause input-to-input shorts, allowing the high current
output of one sensor to possibly damage another.
The MAX378 eliminates all of the above problems. It
not only limits its output voltage to safe levels, with or
without power applied (V+ and V-), but also turns all
channels off when power is removed. This allows it to
draw only sub-microamp fault currents from the inputs,
and maintain isolation between inputs for continuous
input levels up to ±75V with power supplies off.
_______________Detailed Description
Fault Protection Circuitry
The MAX378/MAX379 are fully fault protected for contin-
uous input voltages up to ±60V, whether or not the V+
and V- power supplies are present. These devices use
a “series FET” switching scheme which not only pro-
tects the multiplexer output from overvoltage, but also
limits the input current to sub-microamp levels.
Figures 7 and 8 show how the series FET circuit pro-
tects against overvoltage conditions. When power is
off, the gates of all three FETs are at ground. With a -60V
input, N-channel FET Q1 is turned on by the +60V gate-
G
D
Q1
S
-60V
-60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED ON
BECAUSE VGS = +60V
P-CHANNEL
MOSFET IS OFF
G
D
Q2
S
G
D
Q3
S
Figure 7. -60V Overvoltage with Multiplexer Power OFF
Q1
VTN = +1.5V
-15V
+15V
-15V
+13.5V
+60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED ON
BECAUSE VGS = -45V
Q2
Q3
N-CHANNEL
MOSFET IS ON
+13.5V
OUTPUT
+15V FROM
DRIVERS
-15V FROM
DRIVERS
Figure 10. +60V Overvoltage Input to the ON Channel
Q1
-15V
+15V
-15V
-60V
-60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED OFF
BECAUSE VGS = +45V
Q2
Q3
P-CHANNEL
MOSFET IS OFF
N-CHANNEL
MOSFET IS OFF
+60V FORCED
ON COMMON
OUTPUT
LINE BY
EXTERNAL
CIRCUITRY
-15V FROM
DRIVERS
+15V FROM
DRIVERS
Figure 9. -60V Overvoltage on an OFF Channel with
Multiplexer Power Supply ON
G
D
Q1
S
+60V
OVERVOLTAGE
N-CHANNEL MOSFET
IS TURNED OFF
BECAUSE VGS = -60V
G
D
Q2
S
G
D
Q3
S
Figure 8. +60V Overvoltage with Multiplexer Power OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com