Electronic Components Datasheet Search
  English  ▼

X  

MAX378 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX378
Description  High-Voltage, Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX378 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX378 Datasheet HTML 1Page - Maxim Integrated Products MAX378 Datasheet HTML 2Page - Maxim Integrated Products MAX378 Datasheet HTML 3Page - Maxim Integrated Products MAX378 Datasheet HTML 4Page - Maxim Integrated Products MAX378 Datasheet HTML 5Page - Maxim Integrated Products MAX378 Datasheet HTML 6Page - Maxim Integrated Products MAX378 Datasheet HTML 7Page - Maxim Integrated Products MAX378 Datasheet HTML 8Page - Maxim Integrated Products MAX378 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Voltage, Fault-Protected
Analog Multiplexers
4
_______________________________________________________________________________________
1m
10p
-100
-50
50
100
INPUT LEAKAGE vs.
INPUT VOLTAGE WITH V+ = V- = 0V
1n
10
µ
VIN (V)
0
100n
100p
10n
100
µ
1
µ
OPERATING
RANGE
100
µ
1p
-120
-60
60
120
OFF CHANNEL LEAKAGE CURRENT vs.
INPUT VOLTAGE WITH ±15V SUPPLIES
100p
1
µ
VIN (V)
0
10n
10p
1n
10
µ
100n
OPERATING
RANGE
10n
1p
-120
-60
60
120
OUTPUT LEAKAGE CURRENT vs. OFF CHANNEL
OVERVOLTAGE WITH ±15V SUPPLIES
100p
VIN(OFF) (V)
0
10p
1n
OPERATING
RANGE
0
-10
-5
5
15
-15
0
20
DRAIN-SOURCE ON-RESISTANCE vs.
ANALOG INPUT VOLTAGE
ANALOG INPUT (V)
10
1
3
2
4
5
6
7
±5V
SUPPLIES
±15V
SUPPLIES
+13V
+13V
+3.5V
+4V
__________________________________________Typical Operating Characteristics
NOTE: Typical RDS(ON) match @ +10V
Analog in (±15V supplies) = 2%
for lowest to highest RDS(ON)
channel; @ -10V Analog in,
match = 3%.
MAX378
GND
14pF
PROBE
OUT
+VAH
IN8
IN2-IN7
IN1
IN2
A2
A1
VA
MAX378: VAH = 3.0V
0V
-10V
OUTPUT A
90%
+10V
50%
tA
A0
10V
EN
10M
50
Ω
±10V
ADDRESS
DRIVE (VA)
Figure 1. Access Time vs. Logic Level (High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com