Electronic Components Datasheet Search
  English  ▼

X  

MAX396 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX396
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX396 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX396 Datasheet HTML 4Page - Maxim Integrated Products MAX396 Datasheet HTML 5Page - Maxim Integrated Products MAX396 Datasheet HTML 6Page - Maxim Integrated Products MAX396 Datasheet HTML 7Page - Maxim Integrated Products MAX396 Datasheet HTML 8Page - Maxim Integrated Products MAX396 Datasheet HTML 9Page - Maxim Integrated Products MAX396 Datasheet HTML 10Page - Maxim Integrated Products MAX396 Datasheet HTML 11Page - Maxim Integrated Products MAX396 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
8
_______________________________________________________________________________________
______________________________________________Test Circuits/Timing Diagrams
50%
tTRANS
tR < 20ns
tF < 20ns
VOUT
+3V
0V
VNO1
0V
VNO8
LOGIC
INPUT
VEN
SWITCH
OUTPUT
+5V
VOUT
-5V
GND
V+
A1
V-
A2
A0
EN
NO1
NO2-NO15
NO16
COM
+3V
-3V
50
Ω
MAX396
300
Ω
35pF
+5V
VOUT
-5V
GND
V+
A0
A2
V-
A3
A1
EN
NO1B
NO1A-NO8A,
COMA
NO8B
COMB
+3V
50
Ω
MAX397
300
Ω
35pF
90%
90%
tTRANS
ON
-3V
VEN
VEN
50%
tOFF(EN)
tR < 20ns
tF < 20ns
+3V
0V
0V
VOUT
LOGIC
INPUT
VEN
SWITCH
OUTPUT
VOUT
+5V
VOUT
-5V
GND
V+
A1
V-
A0
A2
EN
NO1
NO2-NO16
COM
+3V
50
Ω
MAX396
1k
35pF
A3
90%
10%
tON(EN)
+5V
VOUT
-5V
GND
V+
A1
V-
A0
EN
NO1B
NO1A-NO8A,
NO2B-NO8B,
COMA
COMB
+3V
50
Ω
MAX397
1k
35pF
A2
VEN
VEN
Figure 2. Transition Time
Figure 3. Enable Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com