Electronic Components Datasheet Search
  English  ▼

X  

MAX396 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX396
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX396 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX396 Datasheet HTML 1Page - Maxim Integrated Products MAX396 Datasheet HTML 2Page - Maxim Integrated Products MAX396 Datasheet HTML 3Page - Maxim Integrated Products MAX396 Datasheet HTML 4Page - Maxim Integrated Products MAX396 Datasheet HTML 5Page - Maxim Integrated Products MAX396 Datasheet HTML 6Page - Maxim Integrated Products MAX396 Datasheet HTML 7Page - Maxim Integrated Products MAX396 Datasheet HTML 8Page - Maxim Integrated Products MAX396 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________________________________________________________
Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX396/MAX397 low-voltage, CMOS analog multi-
plexers (muxes) offer low on-resistance (100
Ω max), which
is matched to within 6
Ω between switches and remains flat
over the specified signal range (10
Ω max). They also offer
low leakage over temperature (input off-leakage current
less than 1nA at +85°C) and fast switching speeds (transi-
tion time less than 250ns). The MAX396 is a 16-channel
device, and the MAX397 is a dual 8-channel device.
The MAX396/MAX397 are fabricated with Maxim’s low-
voltage silicon-gate process. Design improvements
yield extremely low charge injection (5pC max) and
guarantee electrostatic-discharge (ESD) protection
greater than 2000V per Method 3015.7
These muxes operate with a single +2.7V to +16V sup-
ply or with ±2.7V to ±8V dual supplies, while retaining
CMOS-logic input compatibility and fast switching. The
MAX396/MAX397 are pin compatible with the industry-
standard MAX306/MAX307, DG406/DG407, and
DG506A/DG507A.
________________________Applications
Sample-and-Hold Circuits
Automatic Test Equipment
Avionics
Communications Systems
Battery-Operated Equipment
Audio Signal Routing
Low-Voltage Data Acquisition Industrial Process Control
Systems
____________________________Features
o Pin Compatible with MAX306/MAX307,
DG406/DG407, DG506A/DG507A
o Single-Supply Operation (+2.7V to +16V)
Dual-Supply Operation (±2.7V to ±8V)
o Low On-Resistance (100
Ω max)
o Guaranteed RON Match Between Channels
(6
Ω max)
o Guaranteed RON Flatness over Specified Signal
Range (10
Ω max)
o Guaranteed Low Charge Injection (5pC max)
o Input Off-Leakage Current < 1nA at +85°C
o Output Off-Leakage Current < 2.5nA at +85°C
o Low Power Consumption < 10µW
o TTL/CMOS Compatible
______________Ordering Information
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
_____________________Pin Configurations/Functional Diagrams/Truth Tables
PART
MAX396CPI
MAX396CWI
MAX396CAI
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Plastic DIP
28 Wide SO
28 SSOP
MAX396CQI
MAX396C/D
0°C to +70°C
0°C to +70°C
28 PLCC**
Dice*
19-0404; Rev. 1; 9/96
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
COM
V-
NO8
NO7
NO6
NO5
A2
NO4
NO3
NO2
NO1
EN
A0
A1
A3
N.C.
GND
NO9
NO10
NO11
N.C. = NO INTERNAL CONNECTION
NO12
NO13
NO14
NO15
NO16
N.C.
N.C.
DIP/SO
TOP VIEW
MAX396
CMOS DECODERS/DRIVERS
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
NO9
NO10
NO11
NO12
NO13
NO14
NO15
NO16
A0
MAX396 16-CHANNEL SINGLE-ENDED MULTIPLEXER
A1
A2
A3
EN
V+
V-
GND
A3
A1
A0
EN
ON
SWITCH
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LOGIC “O” = VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
MAX396
Ordering Information continued on last page.
*
Contact factory for dice specifications.
**
Contact factory for package availability.
Continued at end of data sheet.


Similar Part No. - MAX396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
MAX3963C MAXIM-MAX3963C Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
MAX3963CSA MAXIM-MAX3963CSA Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
MAX3963D MAXIM-MAX3963D Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
More results

Similar Description - MAX396

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com