Electronic Components Datasheet Search
  English  ▼

X  

MAX396 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX396
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX396 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX396 Datasheet HTML 3Page - Maxim Integrated Products MAX396 Datasheet HTML 4Page - Maxim Integrated Products MAX396 Datasheet HTML 5Page - Maxim Integrated Products MAX396 Datasheet HTML 6Page - Maxim Integrated Products MAX396 Datasheet HTML 7Page - Maxim Integrated Products MAX396 Datasheet HTML 8Page - Maxim Integrated Products MAX396 Datasheet HTML 9Page - Maxim Integrated Products MAX396 Datasheet HTML 10Page - Maxim Integrated Products MAX396 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
—
PIN
MAX396
MAX397
NAME
FUNCTION
1
V+
Positive Supply-Voltage Input
2, 3, 13
1
N.C.
No Internal Connection
—
2
COMB
Analog Signal B Output* (bidirectional)
—
3, 13, 14
N.C.
No Internal Connection
4–11
—
NO16–NO9
Analog Signal Inputs* (bidirectional)
—
4–11
NO8B–NO1B
Analog Signal B Inputs* (bidirectional)
12
12
GND
Logic Ground
14–17
—
A3–A0
Logic Address Inputs
—
15, 16, 17
A2, A1, A0
Logic Address Inputs
18
18
EN
Logic Enable Input
19–26
—
NO1–NO8
Analog Signal Inputs* (bidirectional)
—
19–26
NO1A–NO8A
Analog Signal A Inputs* (bidirectional)
27
27
V-
Negative Supply-Voltage Input
28
—
COM
Analog Signal Output* (bidirectional)
—
28
COMA
Analog Signal A Output* (bidirectional)
__________Applications Information
Operation with Supply Voltages
Other than ±5V
Using supply voltages less than ±5V reduces the analog
signal range. The MAX396/MAX397 multiplexers (muxes)
operate with ±3V to ±8V bipolar supplies or with a +3V to
+15V single supply. Connect V- to GND when operating
with a single supply. Both devices can also operate with
unbalanced supplies, such as +10V and -5V. The
Typical
Operating Characteristics graphs show typical on-
resistance with ±3V, ±5V, +3V, and +5V supplies.
(Switching times increase by a factor of two or more for
operation at 5V or below.)
These muxes operate with a single supply as low as 1V,
although on-resistance and switching times become
extremely high. Performance is not guaranteed below
2.7V. This is useful information only because it assures
proper switch state while power supplies ramp up or
down slowly.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, or COM. If power-supply sequencing
is not possible, add two small-signal diodes (D1, D2) in
series with supply pins for overvoltage protection
(Figure 1). Adding diodes reduces the analog-signal
range to one diode drop below V+ and one diode drop
above V-, but does not affect the devices’ low switch
resistance and low leakage characteristics. Device
operation is unchanged, and the difference between
V+ and V- should not exceed 17V. These protection
diodes are not recommended when using a single supply.
*Analog signal inputs and outputs are names of convenience only; they are identical and interchangeable.
COM
V-
V+
NO
*INTERNAL PROTECTION DIODES
D2
D1
-5V
+5V
MAX396
MAX397
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com