Electronic Components Datasheet Search
  English  ▼

X  

MAX4002 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4002
Description  2.5GHz 45dB RF-Detecting Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4002 Datasheet HTML 4Page - Maxim Integrated Products MAX4002 Datasheet HTML 5Page - Maxim Integrated Products MAX4002 Datasheet HTML 6Page - Maxim Integrated Products MAX4002 Datasheet HTML 7Page - Maxim Integrated Products MAX4002 Datasheet HTML 8Page - Maxim Integrated Products MAX4002 Datasheet HTML 9Page - Maxim Integrated Products MAX4002 Datasheet HTML 10Page - Maxim Integrated Products MAX4002 Datasheet HTML 11Page - Maxim Integrated Products MAX4002 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2.5GHz 45dB RF-Detecting Controllers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, unless otherwise specified.)
MAX4002
LOG SLOPE vs. VCC (
µMAX)
VCC (V)
5.0
4.5
4.0
3.5
3.0
25
26
27
28
29
30
31
32
33
34
24
2.5
5.5
1.9GHz
0.9GHz
0.1GHz
2.5GHz
MAX4001
LOG SLOPE vs. VCC (
µMAX)
VCC (V)
5.0
4.5
3.0
3.5
4.0
25
26
27
28
29
30
31
32
24
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
MAX4000
LOG SLOPE vs. VCC (
µMAX)
VCC (V)
5.0
4.5
3.0
3.5
4.0
25
26
27
28
29
30
31
32
24
2.5
5.5
2.5GHz
1.9GHz
0.9GHz
0.1GHz
FREQUENCY (GHz)
25
26
27
28
29
30
31
32
24
MAX4002
LOG SLOPE vs. FREQUENCY (UCSP)
2.0
1.5
1.0
0.5
0
2.5
TA = +25
°C
TA = +85
°C
TA = -40
°C
MAX4001
LOG SLOPE vs. FREQUENCY (UCSP)
FREQUENCY (GHz)
25
26
27
28
29
30
31
32
23
24
2.0
1.5
1.0
0.5
0
2.5
TA = +25
°C
TA = +85
°C
TA = -40
°C
MAX4000
LOG SLOPE vs. FREQUENCY (UCSP)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
25
26
27
28
29
30
31
24
0
2.5
TA = +25
°C
TA = +85
°C
TA = -40
°C
MAX4002
LOG SLOPE vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
25
26
27
28
29
30
31
32
33
24
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX4001
LOG SLOPE vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
24
25
26
27
28
29
30
31
32
23
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C
MAX4000
LOG SLOPE vs. FREQUENCY (
µMAX)
FREQUENCY (GHz)
2.0
1.5
1.0
0.5
25
26
27
28
29
30
31
24
0
2.5
TA = +25
°C
TA = -40
°C
TA = +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com