Electronic Components Datasheet Search
  English  ▼

X  

MAX4002 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4002
Description  2.5GHz 45dB RF-Detecting Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4002 Datasheet HTML 1Page - Maxim Integrated Products MAX4002 Datasheet HTML 2Page - Maxim Integrated Products MAX4002 Datasheet HTML 3Page - Maxim Integrated Products MAX4002 Datasheet HTML 4Page - Maxim Integrated Products MAX4002 Datasheet HTML 5Page - Maxim Integrated Products MAX4002 Datasheet HTML 6Page - Maxim Integrated Products MAX4002 Datasheet HTML 7Page - Maxim Integrated Products MAX4002 Datasheet HTML 8Page - Maxim Integrated Products MAX4002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.5GHz 45dB RF-Detecting Controllers
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, unless otherwise specified.)
MAX4002 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (UCSP)
MAX4000 toc18
INPUT POWER (dBm)
15
5
-25
-15
-5
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-35
25
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4001 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (UCSP)
MAX4000 toc17
INPUT POWER (dBm)
10
0
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-40
20
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4000 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (UCSP)
MAX4000 toc16
INPUT POWER (dBm)
0
-10
-40
-30
-20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
10
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4002 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (
µMAX)
MAX4000 toc15
INPUT POWER (dBm)
15
5
-25
-15
-5
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-35
25
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4001 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (
µMAX)
MAX4000 toc14
INPUT POWER (dBm)
10
0
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-40
20
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4000 SET AND LOG CONFORMANCE
vs. INPUT POWER AT 0.1GHz (
µMAX)
MAX4000 toc13
INPUT POWER (dBm)
0
-10
-40
-30
-20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
10
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX4002 LOG CONFORMANCE
vs. INPUT POWER (UCSP)
INPUT POWER (dBm)
15
5
-25
-15
-5
-3
-2
-1
0
1
2
3
4
-4
-35
25
2.5GHz
0.9GHz
0.1GHz
1.9GHz
MAX4001 LOG CONFORMANCE
vs. INPUT POWER (UCSP)
INPUT POWER (dBm)
10
0
-30
-20
-10
-3
-2
-1
0
1
2
3
4
-4
-40
20
2.5GHz
0.9GHz
0.1GHz
1.9GHz
MAX4000 LOG CONFORMANCE
vs. INPUT POWER (UCSP)
INPUT POWER (dBm)
0
-10
-40
-30
-20
-3
-2
-1
0
1
2
3
4
-4
-50
10
2.5GHz
0.9GHz
0.1GHz
1.9GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com