Electronic Components Datasheet Search
  English  ▼

X  

MAX4002 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4002
Description  2.5GHz 45dB RF-Detecting Controllers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4002 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4002 Datasheet HTML 10Page - Maxim Integrated Products MAX4002 Datasheet HTML 11Page - Maxim Integrated Products MAX4002 Datasheet HTML 12Page - Maxim Integrated Products MAX4002 Datasheet HTML 13Page - Maxim Integrated Products MAX4002 Datasheet HTML 14Page - Maxim Integrated Products MAX4002 Datasheet HTML 15Page - Maxim Integrated Products MAX4002 Datasheet HTML 16Page - Maxim Integrated Products MAX4002 Datasheet HTML 17Page - Maxim Integrated Products MAX4002 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Waveform Considerations
The MAX4000/MAX4001/MAX4002 family of log amps
respond to voltage, not power, even though input levels
are specified in dBm. It is important to realize that input
signals with identical RMS power but unique waveforms
results in different log amp outputs.
Differing signal waveforms result in either an upward or
downward shift in the logarithmic intercept. However,
the logarithmic slope remains the same.
Layout Considerations
As with any RF circuit, the layout of the MAX4000/
MAX4001/MAX4002 circuits affects performance. Use a
short 50
Ω line at the input with multiple ground vias
along the length of the line. The input capacitor and
resistor should both be placed as close to the IC as
possible. VCC should be bypassed as close as possi-
ble to the IC with multiple vias connecting the capacitor
to the ground plane. It is recommended that good RF
components be chosen for the desired operating fre-
quency range. Electrically isolate RF input from
other pins (especially SET) to maximize perfor-
mance at high frequencies (especially at the high
power levels of the MAX4002).
UCSP Reliability
The UCSP represents a unique package that greatly
reduces board space compared to other packages.
UCSP reliability is integrally linked to the user’s assem-
bly methods, circuit board material, and usage environ-
ment. The user should closely review these areas when
considering use of a UCSP. This form factor may not
perform equally to a packaged product through tradi-
tional mechanical reliability tests. Performance through
operating life test and moisture resistance remains
uncompromised as it is primarily determined by the
wafer fabrication process. Mechanical stress perform-
ance is a greater consideration for a UCSP. UCSP sol-
der joint contact integrity must be considered since the
package is attached through direct solder contact to
the user’s PC board. Testing done to characterize the
UCSP reliability performance shows that it is capable of
performing reliably through environmental stresses.
Results of environmental stress tests and additional
usage data and recommendations are detailed in the
UCSP application note, which can be found on Maxim’s
website, www.maxim-ic.com.
Chip Information
TRANSISTOR COUNT: 358
PROCESS: Bipolar
2.5GHz 45dB RF-Detecting Controllers
16
______________________________________________________________________________________
Pin Configurations
1
2
3
4
8
7
6
5
VCC
OUT
N.C.
GND
CLPF
A
123
B
C
SET
SHDN
RFIN
MAX4000
MAX4001
MAX4002
µMAX
TOP VIEW
RFIN
SET
VCC
CLPF
VCC
OUT
GND
SHDN
MAX4000
MAX4001
MAX4002
UCSP
TOP VIEW
(BUMPS ON BOTTOM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com