Electronic Components Datasheet Search
  English  ▼

X  

MAX4100 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4100
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4100 Datasheet HTML 4Page - Maxim Integrated Products MAX4100 Datasheet HTML 5Page - Maxim Integrated Products MAX4100 Datasheet HTML 6Page - Maxim Integrated Products MAX4100 Datasheet HTML 7Page - Maxim Integrated Products MAX4100 Datasheet HTML 8Page - Maxim Integrated Products MAX4100 Datasheet HTML 9Page - Maxim Integrated Products MAX4100 Datasheet HTML 10Page - Maxim Integrated Products MAX4100 Datasheet HTML 11Page - Maxim Integrated Products MAX4100 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
c) Total output-referred noise voltage is shown by the
equation below (en(OUT)):
The MAX4100/MAX4101, with two high-impedance inputs,
have low 8nV
√Hz voltage noise and only 0.8pA√Hz current
noise.
An example of DC error calculations, using the
MAX4100/MAX4101 typical data and the typical operating
circuit with RF = RG = 200Ω (RS = 100Ω), gives:
Calculating total output-referred noise in a similar man-
ner yields:
With a 200MHz system bandwidth, this calculates to
133µVRMS (approximately 679µVp-p).
In both DC and noise calculations, errors are dominat-
ed by offset voltage and noise voltage (rather than by
input bias current or noise current).
Metal-film resistors with leads are manufactured using
a thin-film process, where resistive material is deposit-
ed in a spiral layer around a ceramic rod. Although the
materials used are noninductive, the spiral winding pre-
sents a small inductance (about 5nH) that may have an
adverse effect on high-frequency circuits.
e
enV
Hz
n OUT
n OUT
()
()
.
/
=+
() ××
×
 +×
=
−−
1 1
2 0 810
100
810
8
12
2
9
2
VI
R
V
R
R
V
VmV
OUT
OS S
OS
F
G
OUT
OUT
=+
() +


=×
×
+ ×
+
()
=
−−
.
1
310
10
1 10
1 1
26
62
3
e
R
R
iR
e
n OUT
F
G
nS
N
() =+

 ()
+
()
12
22
500MHz, Low-Power Op Amps
10
______________________________________________________________________________________
Figure 4a. MAX4100 Bandwidth vs. Capacitive Load
10
8
4
0
-4
-8
-10
0.1M
1M
10M
100M
1G
-6
FREQUENCY (Hz)
-2
2
6
CL = 10pF
RS = 22Ω
RS = 10Ω
RS = 4.7Ω
RS = 2.2Ω
10
8
4
0
-4
-8
-10
0.1M
1M
10M
100M
1G
-6
FREQUENCY (Hz)
-2
2
6
RS = 0Ω
CL = 0pF
CL = 10pF
CL = 5pF
Figure 4b. MAX4100 Bandwidth vs. Capacitive Load and
Isolation Resistor
MAX4100
MAX4101
IB+
IB-
VOUT
RF
RI
RS
MAX4100
MAX4101
Figure 3. Output Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com