Electronic Components Datasheet Search
  English  ▼

X  

MAX4100 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4100
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4100 Datasheet HTML 4Page - Maxim Integrated Products MAX4100 Datasheet HTML 5Page - Maxim Integrated Products MAX4100 Datasheet HTML 6Page - Maxim Integrated Products MAX4100 Datasheet HTML 7Page - Maxim Integrated Products MAX4100 Datasheet HTML 8Page - Maxim Integrated Products MAX4100 Datasheet HTML 9Page - Maxim Integrated Products MAX4100 Datasheet HTML 10Page - Maxim Integrated Products MAX4100 Datasheet HTML 11Page - Maxim Integrated Products MAX4100 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Carbon composition resistors with leads are manufac-
tured by pouring the resistor material into a mold. This
process yields a relatively low-inductance resistor that
is very useful in high-frequency applications, although
they tend to cost more and have more thermal noise
than other types. The ability of carbon composition
resistors to self-heal after a large current overload
makes them useful in high-power RF applications.
For general-purpose use, surface-mount metal-film
resistors seem to have the best overall performance for
low cost, low inductance, and low noise.
Driving Capacitive Loads
When driving 50
Ω or 75Ω back-terminated transmission
lines, capacitive loading is not an issue; therefore an iso-
lation resistor is not required. For other applications
where the ability to drive capacitive loads is required, the
MAX4100/MAX4101 can typically drive 5pF and 20pF,
respectively. Figure 4a illustrates how a capacitive load
influences the amplifier’s peaking without an isolation
resistor (RS). Figure 4b shows how an isolation resistor
decreases the amplifier’s peaking.
The MAX4100/MAX4101 can drive capacitive loads up to
5pF. By using a small isolation resistor between the
amplifier output and the load, large capacitance values
may be driven without oscillation (Figure 5a). In most
cases, less than 50
Ω is sufficient. Use Figure 5b to deter-
mine the value needed in your application. Determine the
worst-case maximum capacitive load you may encounter
and select the appropriate resistor from the graph.
500MHz, Low-Power Op Amps
______________________________________________________________________________________
11
MAX4100
24
Ω
RS
CL
VIN
RL
Figure 5a. Using an Isolation Resistor for High Capacitive
Loads (MAX4100)
Figure 5b. Isolation vs. Capacitive Load
0
20
120
CAPACITIVE LOAD (pF)
60
25
20
5
15
10
0
40
80
100
MAX4100
MAX4101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com