Electronic Components Datasheet Search
  English  ▼

X  

MAX4100 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4100
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4100 Datasheet HTML 1Page - Maxim Integrated Products MAX4100 Datasheet HTML 2Page - Maxim Integrated Products MAX4100 Datasheet HTML 3Page - Maxim Integrated Products MAX4100 Datasheet HTML 4Page - Maxim Integrated Products MAX4100 Datasheet HTML 5Page - Maxim Integrated Products MAX4100 Datasheet HTML 6Page - Maxim Integrated Products MAX4100 Datasheet HTML 7Page - Maxim Integrated Products MAX4100 Datasheet HTML 8Page - Maxim Integrated Products MAX4100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
500MHz, Low-Power Op Amps
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
IN
OUT
GND
GND
MAX4100
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +5)
TIME (20ns/div)
100
0.01
10k
100M
1G
MAX4100
OUTPUT RESISTANCE vs. FREQUENCY
0.1
10
FREQUENCY (Hz)
100k
1M
10M
1.0
IN
OUT
GND
GND
MAX4100
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4100
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +5)
TIME (50ns/div)
IN
OUT
GND
MAX4101
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +10)
TIME (20ns/div)
100
0.01
10k
100M
1G
MAX4101
OUTPUT RESISTANCE vs. FREQUENCY
0.1
10
FREQUENCY (Hz)
100k
1M
10M
1.0
IN
OUT
GND
GND
MAX4101
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +2)
TIME (10ns/div)
IN
OUT
GND
GND
MAX4101
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2)
TIME (10ns/div)
IN
OUT
GND
MAX4101
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +10)
TIME (50ns/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com