Electronic Components Datasheet Search
  English  ▼

X  

MAX4308ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4308ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4308ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4308ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
_______________________________________________________________________________________
9
_______________Detailed Description
Choosing Resistor Values
Unity-Gain Configuration
The MAX4108 is internally compensated for unity gain.
When configured for unity gain, the device requires a
small resistor in series with the feedback path. This
resistor improves the AC response by reducing the Q
of the tank circuit, which is formed by parasitic feed-
back inductance and capacitance.
Inverting and Noninverting Configurations
The values of the gain-setting feedback and input resis-
tors are important design considerations. Large resistor
values will increase voltage noise, and will interact with
the amplifier’s input and PC board capacitance to gen-
erate undesirable poles and zeros, which can decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain of +2, using 1k
Ω resistors combined with
2pF of input capacitance and 0.5pF of board capaci-
tance, will cause a feedback pole at 128MHz. If this
pole is within the anticipated amplifier bandwidth, it will
jeopardize stability. Reducing these 1k
Ω resistors to
100
Ω will extend the pole frequency to 1.28GHz, but
could limit output swing by adding 200
Ω in parallel with
the amplifier’s load. Clearly, the selection of resistor val-
ues must be tailored to the specific application.
The MAX4108/MAX4109/MAX4308/MAX4309 are ultra-
low-distortion, high-bandwidth op amps. The output
distortion will be degraded as the total load resistance
seen by the amplifier decreases. To minimize distortion
products, keep the input and gain-setting resistors rela-
tively large. A 500
Ω feedback resistor combined with
an appropriate input resistor to set the gain will provide
excellent AC performance without significantly increas-
ing distortion.
_____________________Pin Description
PIN
NAME
FUNCTION
1
N.C.
No Connection. Not internally connected.
2
IN-
Inverting Input
3
IN+
Noninverting Input
4, 5
VEE
Negative Power Supply, connect to -5VDC.
6
OUT
Amplifier Output
7, 8
VCC
Positive Power Supply, connect to +5VDC.
RF
RG
RS
CL
VIN
PART
MAX4108
MAX4109
MAX4308
MAX4309
RF (Ω)
24
500
500
500
RG (Ω)
∞
500
125
56
GAIN (V/V)
1
2
5
10
RL
Figure 1a. Using an Isolation Resistor for High Capacitive
Loads
0
20
25
15
10
5
190
10
40
70
100
130
160
220
CAPACITANCE (pF)
MAX4109/MAX4309
MAX4108
MAX4308
Figure 1b. Optimal Isolation Resistor (RS) vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com