Electronic Components Datasheet Search
  English  ▼

X  

MAX4308ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4308ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4308ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4308ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
2
1
-8
0.1
1
10
100
1000
MAX4108
SMALL-SIGNAL GAIN vs. FREQUENCY
-6
-7
FREQUENCY (MHz)
-4
-5
-2
-3
0
-1
VOUT ≤ 100mVp-p
AVCL = +1
AVCL = +2
2
1
0
-8
0.1
1
100
1000
MAX4109
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
-6
-7
-1
-2
-3
FREQUENCY (MHz)
10
AVCL = +5
AVCL = +2
VOUT ≤ 100mVp-p
2
1
0
-8
1
100
1000
MAX4109
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-5
-6
-7
-1
-2
-3
FREQUENCY (MHz)
10
VOUT = 2Vp-p
AVCL = +2
4
-6
0.1
10
100
1
1000
MAX4309
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
FREQUENCY (MHz)
-2
-3
0
-1
2
1
3
VOUT ≤ 100mVp-p
AVCL = +20
AVCL = +10
4
3
-6
0.1
1
10
100
1000
MAX4108
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-5
FREQUENCY (MHz)
-2
-3
0
-1
2
1
VOUT = 2Vp-p
AVCL = +1
4
-6
0.1
10
100
1
1000
MAX4308
SMALL-SIGNAL GAIN vs. FREQUENCY
-4
-5
FREQUENCY (MHz)
-2
-3
0
-1
2
1
3
VOUT ≤ 100mVp-p
AVCL = +5
4
-6
0.1
10
100
1
1000
MAX4308/MAX4309
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
-5
FREQUENCY (MHz)
-2
-3
0
-1
2
1
3
VOUT = 2Vp-p
MAX4309
AVCL = +10
MAX4308
AVCL = +5
-50
-40
-110
0.1
100
-80
-100
-90
-60
-70
FREQUENCY (MHz)
1
10
MAX4108
HARMONIC DISTORTION vs. FREQUENCY
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
AVCL = +1
10
-110
0.1
100
-50
-90
-70
-10
-30
FREQUENCY (MHz)
1
10
2ND HARMONIC
VOUT = 2Vp-p
AVCL = +2
MAX4109
HARMONIC DISTORTION vs. FREQUENCY
3RD HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com