Electronic Components Datasheet Search
  English  ▼

X  

MAX4308ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4308ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4308ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4308ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4308ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX4108/MAX4109/MAX4308/MAX4309 op amps
combine ultra-high-speed performance with ultra-low-
distortion operation. The MAX4108 is compensated for
unity-gain stability; the MAX4109, MAX4308, and
MAX4309 are compensated for minimum closed-loop
gains (AVCL) of 2V/V, 5V/V, and 10V/V, respectively.
The MAX4108 delivers a 400MHz unity-gain bandwidth
with a 1200V/µs slew rate. An ultra-low-distortion design
provides an unprecedented spurious-free dynamic
range of -93dBc (MAX4108) at 5MHz (VOUT = 2Vp-p, RL
= 100
Ω), making these amplifiers ideal for high-perfor-
mance RF signal processing.
These high-speed op amps feature a wide output volt-
age swing and a high-current output-drive capability of
90mA.
________________________Applications
High-Speed ADC/DAC Preamp
RGB and Composite Video
High-Performance Receivers
Pulse/RF Amplifier
Active Filters
Ultrasound
Broadcast and High-Definition TV
____________________________Features
o High Speed:
400MHz Unity-Gain Bandwidth (MAX4108)
225MHz -3dB Bandwidth (AVCL = +2, MAX4109)
220MHz -3dB Bandwidth (AVCL = +5, MAX4308)
200MHz -3dB Bandwidth (AVCL = +10, MAX4309)
o 1200V/µs Slew Rate
o Excellent Spurious-Free Dynamic Range:
-93dBc at fC = 5MHz (MAX4108)
-90dBc at fC = 5MHz (MAX4109)
o 100MHz 0.1dB Gain Flatness (MAX4108)
o High Full-Power Bandwidth: 300MHz
(MAX4108, VO = 2Vp-p)
o High Output Drive: 90mA
o Output Short-Circuit Protected
o Low Differential Gain/Phase: 0.004%/0.008°
400MHz, Ultra-Low-Distortion Op Amps
________________________________________________________________
Maxim Integrated Products
1
19-0461; Rev 2; 4/97
PART
MAX4108ESA
MAX4109ESA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 SO
______________Ordering Information
OUT
IN+
VEE
VEE
1
2
8
7
VCC
VCC
IN-
N.C.
MAX4108
MAX4109
MAX4308
MAX4309
SO
TOP VIEW
3
4
6
5
__________________Pin Configuration
300
Ω
300
Ω
300
Ω
300
Ω
53.6
Ω*
60
Ω*
DIFFERENCE AMPLIFIER/ADC PREAMPLIFIER
10
Ω
MAX4109
12-BIT ADC
* USED TO MATCH A 50
Ω
SOURCE IMPEDANCE
________Typical Application Circuit
EVALUATION
KIT
AVAILABLE
MAX4308ESA
MAX4309ESA
-40°C to +85°C
-40°C to +85°C
8 SO
8 SO


Similar Part No. - MAX4308ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
MAX430-MAX432 MAXIM-MAX430-MAX432 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
MAX4304 MAXIM-MAX4304 Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4305 MAXIM-MAX4305 Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX430CPA MAXIM-MAX430CPA Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results

Similar Description - MAX4308ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
Ultra Low Distortion, Wideband Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Maxim Integrated Produc...
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
MAX4105 MAXIM-MAX4105 Datasheet
132Kb / 12P
740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Rev 3; 10/98
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com