Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 4066
Description  Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4066 Datasheet(HTML) 3 Page - Maxim Integrated Products

  4066 Datasheet HTML 1Page - Maxim Integrated Products 4066 Datasheet HTML 2Page - Maxim Integrated Products 4066 Datasheet HTML 3Page - Maxim Integrated Products 4066 Datasheet HTML 4Page - Maxim Integrated Products 4066 Datasheet HTML 5Page - Maxim Integrated Products 4066 Datasheet HTML 6Page - Maxim Integrated Products 4066 Datasheet HTML 7Page - Maxim Integrated Products 4066 Datasheet HTML 8Page - Maxim Integrated Products 4066 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, Low-Voltage, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = 12V ±10%, GND = 0V, VINH = 4.0V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Input Current with Input
Voltage High
IINH
-0.5
0.005
0.5
µA
CONDITIONS
IN = 5.0V, all others = 0.8V
Input Current with Input
Voltage Low
IINL
-0.5
0.005
0.5
µA
IN = 0.8V, all others = 5.0V
Turn-On Time
tON
25
100
ns
Charge Injection
(Note 3)
VCTE
110
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0Ω, Figure 3
TA = +25°C
TA = TMIN to TMAX
150
VCOM = 10V, Figure 2
TA = +25°C
TA = TMIN to TMAX
100
VCOM = 10V, Figure 2
Turn-Off Time
tOFF
15
75
ns
Power-Supply Range
Signal = 0dbm, Figure 4,
50
Ω in and out
On-Channel Bandwidth
BW
100
MHz
TA = +25°C
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 4
Off Isolation (Note 7)
VISO
-58
dB
TA = +25°C
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
Crosstalk (Note 8)
VCT
-86
dB
TA = +25°C
f = 1MHz, Figure 6
NO Capacitance
C(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 6
COM Off Capacitance
CCOM(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 6
COM On Capacitance
CCOM(ON)
pF
V
Supply Current
22
I+
VIN = 0V or V+,
all channels on or off
TA = TMIN to TMAX
-1
0.001
1
µA
Total Harmonic
Distortion
THD
TA = TMIN to TMAX
0.03
%
TA = +25°C
LOGIC INPUT
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com