Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 4066
Description  Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4066 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 4066 Datasheet HTML 2Page - Maxim Integrated Products 4066 Datasheet HTML 3Page - Maxim Integrated Products 4066 Datasheet HTML 4Page - Maxim Integrated Products 4066 Datasheet HTML 5Page - Maxim Integrated Products 4066 Datasheet HTML 6Page - Maxim Integrated Products 4066 Datasheet HTML 7Page - Maxim Integrated Products 4066 Datasheet HTML 8Page - Maxim Integrated Products 4066 Datasheet HTML 9Page - Maxim Integrated Products 4066 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Cost, Low-Voltage, Quad, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
140
150
120
100
0
02
4
6
8
10
12
14
16
ON-RESISTANCE vs. VCOM
20
40
VCOM (V)
80
60
A: V+ = 2.5V
B: V+ = 3.0V
C: V+ = 5V
D: V+ = 10V
E: V+ = 15V
A
B
V- = 0V
C
D
E
60
50
40
0
02
4
6
8
10
12
14
16
ON-RESISTANCE vs. VCOM AND
TEMPERATURE
10
VCOM (V)
30
20
A: TA = -55°C
B: TA = +25°C
C: TA = +85°C
D: TA = +125°C
D
C
B
A
V+ = 5V
100
10
0.0001
-50
-75
125
OFF LEAKAGE CURRENT
vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
V+ = 5.5V
VCOM = 0V
VNO = 4.5V
100
10
0.0001
-50
-75
125
ON LEAKAGE CURRENT
vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
0
-60
1
10
100
300
FREQUENCY RESPONSE
-50
FREQUENCY (MHz)
-40
-20
-30
-10
60
-60
-40
-20
20
0
40
ON
PHASE
ON RESPONSE
OFF ISOLATION
V+ = 5V
INPUT = 0dBm
50
Ω IN AND OUT
6
4
-6
24
68
10
12
0
CHARGE INJECTION
vs. VCOM
2
VCOM (V)
-2
-4
0
A: V+ = 12V
B: V+ = 5V
C: V+ = 3V
B
A
C
100
10
0.0001
-50
-75
125
SUPPLY CURRENT
vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-25
0
75
0.1
50
100
V+ = 5.5V
I+
100
0.01
10
100
1k
10k 20k
TOTAL HARMONIC
DISTORTION vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
V+ = 12V
5Vp-p SIGNAL
600
Ω IN AND OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com