Electronic Components Datasheet Search
  English  ▼

X  

4066 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 4066
Description  Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

4066 Datasheet(HTML) 5 Page - Maxim Integrated Products

  4066 Datasheet HTML 1Page - Maxim Integrated Products 4066 Datasheet HTML 2Page - Maxim Integrated Products 4066 Datasheet HTML 3Page - Maxim Integrated Products 4066 Datasheet HTML 4Page - Maxim Integrated Products 4066 Datasheet HTML 5Page - Maxim Integrated Products 4066 Datasheet HTML 6Page - Maxim Integrated Products 4066 Datasheet HTML 7Page - Maxim Integrated Products 4066 Datasheet HTML 8Page - Maxim Integrated Products 4066 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Cost, Low-Voltage, Quad, SPST,
CMOS Analog Switches
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Analog Signal Range
VCOM,
VNO
0V+
V
CONDITIONS
(Note 3)
Channel On-Resistance
RON
170
Ω
V+ = 3V,
ICOM = -1.0mA,
VNO = 1.5V
Turn-On Time (Note 3)
tON
80
185
ns
V+ = 3V,
VNO or VNC = 1.5V
Turn-Off Time (Note 3)
tOFF
28
150
ns
V+ = 3V,
VNO or VNC = 1.5V
Positive Supply Current
I+
-1
0.001
1
µA
Charge Injection (Note 3)
Q
210
pC
CL = 1.0nF,
VGEN = 0V, RGEN = 0V
V+ = 3.6V, VIN = 0V or V+, all channels on or off
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = TMIN to TMAX
225
230
200
ANALOG SWITCH
DYNAMIC
SUPPLY
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON (max) - RON (min).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off Isolation = 20log10 (VCOM / VNO), VCOM = output, VNO = input to off switch.
Note 8: Between any two switches.
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = 2.7V to 3.3V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com