Electronic Components Datasheet Search
  English  ▼

X  

MAX4141 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4141
Description  330MHz, 4x1 Precision Video Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4141 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4141 Datasheet HTML 1Page - Maxim Integrated Products MAX4141 Datasheet HTML 2Page - Maxim Integrated Products MAX4141 Datasheet HTML 3Page - Maxim Integrated Products MAX4141 Datasheet HTML 4Page - Maxim Integrated Products MAX4141 Datasheet HTML 5Page - Maxim Integrated Products MAX4141 Datasheet HTML 6Page - Maxim Integrated Products MAX4141 Datasheet HTML 7Page - Maxim Integrated Products MAX4141 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
330MHz, 4x1 Precision Video Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VS = ±5V, -2.5V ≤ VIN ≤ +2.5V, RL = 5kΩ, CL = 5pF, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC...........................................................................................6V
VEE ..........................................................................................-6V
VCC-VEE..................................................................................12V
Analog Input Voltage .......................(VEE - 0.3V) to (VCC + 0.3V)
Digital Input Voltage ...................................-0.3V to (VCC + 0.3V)
Duration of Short Circuit to Ground..............Continuous (Note 1)
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.00mW/°C above +70°C) ........................640mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VS = ±4.5V to ±5.5V
VS = ±4.5V to ±5.5V
VOUT = 0V
VIN = ±2.5V
VS = ±4.5V to ±5.5V
Channel disabled
TA = TMIN to TMAX
Channel selected
VIN = 0V
Enabled
TA = +25°C
VIN = 0V, channel enabled or disabled
CONDITIONS
V
0.8
VINL
Logic Input Low Voltage
V
2.0
VINH
Logic Input High Voltage
pF
5
COUT
Disabled Output Capacitance
M
Ω
30
ROUT
Disabled Output Resistance
nA
10
IOUT(OFF)
Disabled Output Current
Ω
20
ROUT
Output Resistance
V/V
0.97
1.0
AV
Voltage Gain
0.98
1.0
dB
50
PSRR
Power-Supply Rejection Ratio
mV
±15
VOS
Output Offset Voltage
±3
±10
pF
CIN
Input Capacitance
5.0
5.5
±4.5
±5.0
±5.5
VS
Operating Supply Voltage
M
Ω
100
RIN
Input Resistance
0.4
µA
±0.2
IB
Input Bias Current
mA
6.5
IS(ON)
Operating Supply Current
µA
250
350
IS(OFF)
Disabled Supply Current
V
±2.5
VIN
Input Voltage Range
±2.5
±4.0
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1: If maximum power-dissipation rating is met.
TA = +25°C
TA = TMIN to TMAX
Channel selected
Channel disabled
VS = ±4.5V to ±5.5V
µA
10
IINL
Logic Input Low Current
µA
10
IINH
Logic Input High Current
TA = +25°C
TA = TMIN to TMAX
V
3
DC PARAMETERS
VS = ±4.5V to ±5.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com