Electronic Components Datasheet Search
  English  ▼

X  

MAX4141 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4141
Description  330MHz, 4x1 Precision Video Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4141 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4141 Datasheet HTML 1Page - Maxim Integrated Products MAX4141 Datasheet HTML 2Page - Maxim Integrated Products MAX4141 Datasheet HTML 3Page - Maxim Integrated Products MAX4141 Datasheet HTML 4Page - Maxim Integrated Products MAX4141 Datasheet HTML 5Page - Maxim Integrated Products MAX4141 Datasheet HTML 6Page - Maxim Integrated Products MAX4141 Datasheet HTML 7Page - Maxim Integrated Products MAX4141 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
330MHz, 4x1 Precision Video Multiplexer
_______________________________________________________________________________________
5
TIME (10ns/div)
OUT
(1V/div)
IN
2.5V/div
GND
GND
LARGE-SIGNAL PULSE RESPONSE
(CL = 47pF, RL = ∞)
VOLTS
TIME (1
µs/div)
1V/div
2V/div
ENABLE/DISABLE DELAY TIME
ENABLE ON
IN0 ON
GND
TIME (1
µs/div)
10mV/div
2V/div
OUTPUT GLITCH AMPLITUDE
OUTPUT
A0
1
100
1M
10G
100M
NOISE VOLTAGE
vs. FREQUENCY
3
100
30
10
1
FREQUENCY (Hz)
10k
0
0
BANDWIDTH vs.
LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
50
100
150
200
250
300
350
20
40
60
80
100
RL = OPEN
-3dB BW
-0.1dB BW
3.4
070
SUPPLY CURRENT
vs. TEMPERATURE
5.0
TEMPERATURE (
°C)
30
4.2
3.8
10
20
60
4.6
3.6
4.4
4.0
4.8
40
50
IEE
ICC
-0.110
-3
GAIN vs. INPUT VOLTAGE
AND TEMPERATURE
INPUT VOLTAGE (V)
-0.105
-0.100
-0.095
-0.090
-0.085
-2
-1
0
1
2
3
TA = +25°C
TA = 0°C
TA = +70°C
-1.6
0
GAIN vs.
LOAD RESISTANCE
RL(kΩ)
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
12
3
4
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com