Electronic Components Datasheet Search
  English  ▼

X  

MAX4141 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4141
Description  330MHz, 4x1 Precision Video Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4141 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4141 Datasheet HTML 1Page - Maxim Integrated Products MAX4141 Datasheet HTML 2Page - Maxim Integrated Products MAX4141 Datasheet HTML 3Page - Maxim Integrated Products MAX4141 Datasheet HTML 4Page - Maxim Integrated Products MAX4141 Datasheet HTML 5Page - Maxim Integrated Products MAX4141 Datasheet HTML 6Page - Maxim Integrated Products MAX4141 Datasheet HTML 7Page - Maxim Integrated Products MAX4141 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
330MHz, 4x1 Precision Video Multiplexer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VS = ±5V, -2.5V ≤ VIN ≤ +2.5V, RL = 5kΩ, CL = 5pF, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2:
Full-Power Bandwidth is inferred from Slew Rate (SR) testing by the equation SR =
ωEP, where EP is the peak output
voltage and
ω = 2πf.
Note 3:
Differential Gain and Phase are tested using a modulated ramp, 100IRE (0.714V).
VIN = 1.4Vp-p
f = 30MHz, VIN = 1.4Vp-p, RL = 2k
f = 30MHz, VIN = 1.4Vp-p, RL = 2k
VIN = 5Vp-p
Chip-to-chip, f = 3.58MHz
f = 3.58MHz
f = 3.58MHz
VIN = 1Vp-p, f = 30MHz
VIN = 0.2Vp-p, 10% to 90%
VIN = 5Vp-p
VIN = 0.1Vp-p
DC to 30MHz
VIN = 1Vp-p, f = 30MHz, RIN = 50Ω
DC to 150MHz
f = 3.58MHz
CONDITIONS
dBc
-70
Third Harmonic Distortion
dBc
-65
Second Harmonic Distortion
degrees
±0.2
Input-Output Delay Matching
ps
860
Group Delay
mVp-p
13
Switching Transient
ns
500
tON
Channel Switching On Time
µs
1.0
tOFF
Channel Switching Off Time
dB
74
Off Isolation
dB
66
All-Hostile Crosstalk
degrees
0.01
DP
Differential Phase (Note 3)
110
700
%
0.01
DG
Differential Gain (Note 3)
ps
950
tR
Small-Signal Rise Time
dB
0.08
Gain Peaking
MHz
45
fPBW
Full-Power Bandwidth
(Note 2)
MHz
330
f3dB
-3dB Bandwidth
0.02
dB
±0.1
Gain Flatness
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 1.4Vp-p
V/µs
500
SR
Slew Rate
AC PARAMETERS
VIN
(1Vp-p)
ALL-HOSTILE CROSSTALK TEST CIRCUIT
HIGH-IMPEDANCE
PROBE
MAX4141
NETWORK
ANALYZER
VIN
(1Vp-p)
OFF-ISOLATION TEST CIRCUIT
20
Ω*
* 20
Ω RESISTOR USED TO SIMULATE
OUTPUT RESISTOR OF AN "ON" MAX4141.
IN THIS WAY, OPERATION IN AN ARRAY
IS SIMULATED.
HIGH-IMPEDANCE
PROBE
NETWORK
ANALYZER
MAX4141



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com