Electronic Components Datasheet Search
  English  ▼

X  

MAX4158ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4158ESA
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4158ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4158ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
0.03
0.02
0.01
0.00
-0.01
0.04
-0.03
-0.04
0
100
0
100
MAX4158/MAX4159
DIFFERENTIAL GAIN AND PHASE
-0.01
-0.02
-0.02
-0.03
-0.04
IRE
0.04
0.03
0.02
0.01
0.00
0.03
0.02
0.01
0.00
-0.01
0.04
-0.03
-0.04
0
100
0
100
MAX4258/MAX4259
DIFFERENTIAL GAIN AND PHASE
-0.01
-0.02
-0.02
-0.03
-0.04
IRE
0.04
0.03
0.02
0.01
0.00
12
8
-60 -40
20
100
SUPPLY CURRENT
vs. TEMPERATURE
9
11
TEMPERATURE (°C)
-20
0
40
10
60
80
I+
EN = 0V
I-
3.50
2.50
-60 -40
20
100
TRANSIMPEDANCE
vs. TEMPERATURE
2.75
3.25
TEMPERATURE (°C)
-20
0
40
3.00
60
80
5.0
3.0
-60 -40
20
100
POSITIVE OUTPUT SWING
vs. TEMPERATURE
3.5
4.5
TEMPERATURE (°C)
-20
0
40
4.0
60
80
NO LOAD
50
Ω LOAD
0.50
-0.50
-60 -40
20
100
INPUT BIAS CURRENT
vs. TEMPERATURE
-0.25
0.25
TEMPERATURE (°C)
-20
0
40
0
60
80
0
-5
-60 -40
20
100
FB PIN BIAS CURRENT
vs. TEMPERATURE
-4
-3
-2
-1
TEMPERATURE (°C)
-20
0
40
60
80
-3.0
-5.0
-60 -40
20
100
NEGATIVE OUTPUT SWING
vs. TEMPERATURE
-4.5
-3.5
TEMPERATURE (°C)
-20
0
40
-4.0
60
80
NO LOAD
50
Ω LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com