Electronic Components Datasheet Search
  English  ▼

X  

MAX4158ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4158ESA
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4158ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4158ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
______________________________________________________________________________________
13
Driving Capacitive Loads
A correctly terminated transmission line is purely resis-
tive and presents no capacitive load to the amplifier.
Consequently, the MAX4158/MAX4159/MAX4258/
MAX4259 are optimized for AC performance and are
not designed to drive highly capacitive loads. Reactive
loads will decrease phase margin and may produce
excessive ringing and oscillation (see
Typical
Operating Characteristics). The circuit of Figure 4
reduces this problem. The small (usually 5
Ω to 20Ω)
isolation resistor RISO, placed before the reactive load,
prevents ringing and oscillation. At higher capacitive
loads, AC performance is limited by the interaction of
load capacitance with the isolation resistor.
MAX4158
MAX4159
MAX4258
MAX4259
RG
FB
IN_
RISO
OUT
RF
CL
RL
MAX4158
MAX4159
MAX4258
MAX4259
RG
FB
INO
INI
OUT
RT
75
Ω
RT
75
Ω
RT
75
Ω
75
Ω CABLE
75
Ω CABLE
RF
RT
75
Ω
75
Ω CABLE
Figure 4. Using an Isolation Resistor (RISO) for High
Capacitive Loads
Figure 3. Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com