Electronic Components Datasheet Search
  English  ▼

X  

MAX4158ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4158ESA
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4158ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4158ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4158ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—MAX4258/MAX4259
(V+ = +5V, V- = -5V, VIN = 0V, VOUT = 0V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
f = 30MHz, VOUT = 2Vp-p,
AV = 6dB (Note 4)
f = 30MHz, AV = 6dB (Note 4)
f = 30MHz, RS = 50Ω, AV = 6dB,
VIN = ±1Vp-p (Note 4)
AV = 6dB (Notes 4, 5)
f = 30MHz, AV = 6dB, EN = 5V,
VIN = ±1Vp-p (Note 4)
pF
3
COUT
Output Capacitance
dB
110
AV = 6dB, VOUT = 2Vp-p (Note 4)
AV = 6dB, VIN = 20mVp-p (Note 4)
AISO
Off-Isolation (MAX4259)
AV = 6dB, VIN = 20mVp-p (Note 4)
dBc
50
THD
VOUT = 2V step, AV = 6dB (Note 4)
Total Harmonic Distortion
AV = 6dB, VOUT = 2Vp-p (Note 4)
CONDITIONS
Ω
9
ZOUT
Output Impedance
dB
70
Xtalk
Channel-to-Channel Crosstalk
degrees
0.02
DP
Differential Phase Error
Channel on or off
pF
2
CIN
Input Capacitance
f = 100kHz
f = 100kHz
f = 100kHz
pA/
√Hz
22
in(FB)
FB Current-Noise Density
pA/
√Hz
2
in
Input Current-Noise Density
nV/
√Hz
2
en
Input Voltage-Noise Density
(Notes 6, 7)
ns
20
tSW
Channel-Switching Time
TA = TMIN to TMAX (Notes 6, 8)
ns
ns
10
tS
Settling Time to 0.1%
V/µs
1000
SR
Slew Rate
10
tS
Address-Setup Time
(Note 6)
TA = TMIN to TMAX (Notes 6, 8)
(Notes 6, 9)
ns
20
tPDE
Enable Delay Time
AV = 6dB (Notes 4, 10)
(Notes 6, 9)
MHz
200
FPBW
Full-Power Bandwidth
MHz
130
BW(0.1)
Bandwidth for ±0.1dB Gain Flatness
MHz
250
BW
-3dB Bandwidth
mV
±90
VTRAN
ns
20
tLPD
Latch Propagation Delay
ns
10
tTH
Address-Hold Time
TA = TMIN to TMAX (Notes 6, 8)
ns
10
tLPW
Latch Pulse Width
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Switching Transient
ns
20
tPDD
Disable Delay Time
AV = 6dB (Notes 4, 5)
%
0.01
DG
Differential Gain Error
Note 2: Does not include external feedback network resistance.
Note 3: Applies to all digital input pins (EN, LE, and A0).
Note 4: Specified with feedback network chosen for optimal AC performance. See Tables 1 and 2 for recommended component
values.
Note 5: Input test signal: 3.58MHz sine wave of amplitude 40IRE superimposed on a linear ramp (0IRE to 100IRE). IRE is a unit of
video-signal amplitude developed by the International Radio Engineers. 140IRE = 1.0V.
Note 6: See timing diagram (Figure 5).
Note 7: Channel-switching time specified for switching between the two input channels; does not include signal rise/fall times for
switching between channels with different input voltages.
Note 8: Guaranteed by design; not production tested.
Note 9: Output enable/disable delay times do not include amplifier output slewing times.
Note 10: Switching transient measured while switching between two grounded channels.
AMPLIFIER CHARACTERISTICS
SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com