Electronic Components Datasheet Search
  English  ▼

X  

MAX4163ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4163ESA
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4163ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX4162/MAX4163/MAX4164 are single/dual/quad,
micropower operational amplifiers that combine an
exceptional bandwidth to power consumption ratio with
true rail-to-rail inputs and outputs. They consume a
mere 25µA quiescent current per amplifier, yet achieve
200kHz gain-bandwidth product and are unity-gain
stable while driving any capacitive load. The
MAX4162/MAX4163/MAX4164 operate from either a
single supply (+2.7V to +10V) or dual supplies (±1.35V
to ±5V), with an input common-mode voltage range that
extends 250mV
beyond either supply rail. These ampli-
fiers use a proprietary architecture to achieve a very
high input common-mode rejection ratio without the
mid-swing nonlinearities present in other Rail-to-Rail®
op amps. This architecture also maintains high open-
loop gain and output swing while driving substantial
loads.
The combination of excellent bandwidth/power perfor-
mance, single-supply operation, and miniature footprint
makes these op amps ideal for portable equipment and
other low-power, single-supply applications. The single
MAX4162 is available in 8-pin SO and space-saving
5-pin SOT23 packages. The MAX4163 is available in an
8-pin µMAX or SO, while the MAX4164 comes in a
14-pin SO.
________________________Applications
Battery-Powered Devices
Medical Instruments
pH Probes
Ionization Detectors
Portable Equipment
Cellular Phones
Low-Power, Low-Voltage
Equipment
____________________________Features
o 5-Pin SOT23 Package (MAX4162)
o 1.0pA Typical Input Bias Current
o Fully Specified Single-Supply Operation
at 3V and 5V
o Input Common-Mode Voltage Range Extends
250mV Beyond Either Supply Rail
o Rail-to-Rail Output Swing
o 200kHz Gain-Bandwidth Product
o 25µA Quiescent Current per Amplifier
o Excellent CMRR, PSRR, and Gain Linearity
o No Phase Reversal for Overdriven Inputs
o Unity-Gain Stable
o Stable with Any Capacitive Load
o Internally Short-Circuit Protected to Either Rail
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
________________________________________________________________
Maxim Integrated Products
1
MAX152
MAX4162
MAX4162
MAX6120
MICROPOWER ±1.2V REFERENCE
VREF+
VDD
VDD
VDD
VSS
VSS
R
VSS
-1.2V
+1.2V
VOUT
VOUT
GND
VIN
3V
IN+
IN-
R
IN-
IN+
VOUT
-3V
VREF-
________Typical Application Circuit
_________________Pin Configurations
19-1195; Rev 0; 4/97
PART
MAX4162ESA
-40°C to +85°C
TEMP.
RANGE
PIN-
PACKAGE
8 SO
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
SOT
TOP MARK
—
TOP VIEW
VSS
IN-
IN+
1
5
VDD
OUT
MAX4162
SOT23-5
2
3
4
OUT
N.C.
VSS
1
2
8
7
N.C.
VDD
IN-
IN+
N.C.
SO
3
4
6
5
MAX4162
MAX4162EUK
-40°C to +85°C
5 SOT23-5
AABX
MAX4163ESA
-40°C to +85°C
8 SO
—
MAX4163EUA
-40°C to +85°C
8 µMAX
—
MAX4164ESD
-40°C to +85°C
14 SO
—
Pin Configurations continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon-Motorola, Ltd.


Similar Part No. - MAX4163ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4163ESA MAXIM-MAX4163ESA Datasheet
304Kb / 14P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4163ESA+ MAXIM-MAX4163ESA+ Datasheet
329Kb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4163ESA+ MAXIM-MAX4163ESA+ Datasheet
2Mb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX4163ESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP191 AD-OP191 Datasheet
479Kb / 20P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV.0
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
logo
Analog Devices
OP191 AD-OP191_06 Datasheet
605Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
logo
Analog Devices
OP191 AD-OP191_15 Datasheet
562Kb / 24P
eMicropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP291 AD-OP291_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
OP491 AD-OP491_15 Datasheet
562Kb / 24P
Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com