Electronic Components Datasheet Search
  English  ▼

X  

MAX4163ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4163ESA
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4163ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
7
60
-40
1
100
1k
10k
100k
1M
GAIN AND PHASE vs. FREQUENCY
(CL = 0pF)
-20
MAX4162-22
FREQUENCY (Hz)
0
20
40
180
-180
-108
-36
36
108
144
-144
-72
0
72
RL = 100kΩ
CL = 0pF
AV = +1000
GAIN
PHASE
60
-40
1
100
1k
10k
100k
1M
GAIN AND PHASE vs. FREQUENCY
(CL = 500pF)
-20
MAX4162-23
FREQUENCY (Hz)
0
20
40
180
-180
-108
-36
36
108
144
-144
-72
0
72
RL = 100kΩ
CL = 500pF
AV = +1000
GAIN
PHASE
60
-40
1
100
1k
10k
100k
1M
GAIN AND PHASE vs. FREQUENCY
(CL = 0.01µF)
-20
MAX4162-24
FREQUENCY (Hz)
0
20
40
180
-180
-108
-36
36
108
144
-144
-72
0
72
RL = 100kΩ
CL = 0.01µF
AV = +1000
GAIN
PHASE
0.01
0.1
1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5 5.0
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE SWING
PEAK-TO-PEAK OUTPUT VOLTAGE SWING (V)
f = 5kHz
AV = +1
RL = 100kΩ
f = 1kHz
____________________________Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = VDD / 2, TA = +25°C, unless otherwise noted.)
IN
(50mV/
div)
OUT
(50mV/
div)
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 0pF)
MAX4162-25
TIME (100
µs/div)
VDD = 3V, VIN = 100mV, RL = 100kΩ to VDD / 2,
CL = 0pF
IN
(50mV/
div)
OUT
(50mV/
div)
NONINVERTING
SMALL-SIGNAL PULSE RESPONSE
(VDD = 3V, CL = 1500pF)
MAX4162-26
TIME (100
µs/div)
VDD = 3V, VIN = 100mV, RL = 100kΩ to VDD / 2,
CL = 1500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com