Electronic Components Datasheet Search
  English  ▼

X  

MAX4163ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4163ESA
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4163ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4163ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4163ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS: +3V Operation (continued)
(VDD =+3V, VSS = 0V, VCM = VDD / 2, VOUT = VDD / 2, RL tied to VDD / 2, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
pF
1.5
Input Common-Mode Capacitance
kHz
700
Internal Charge-Pump Frequency
µVp-p
100
Charge-Pump Output Feedthrough
f = 1kHz
nV/
√Hz
80
Input Noise Voltage Density
ELECTRICAL CHARACTERISTICS: +5V Operation
(VDD = +5V, VSS = 0V, VCM = VDD / 2, VOUT = VDD / 2, RL tied to VDD / 2, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
VOL - VSS
VDD - VOH
VOL - VSS
VDD - VOH
Inferred from PSRR test
Inferred from CMRR test
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
CONDITIONS
mV
5
40
RL = 100kΩ
Output Voltage Swing
5
40
50
300
RL = 10kΩ
50
300
dB
85
120
Large-Signal Voltage Gain
dB
Common-Mode Rejection Ratio
70
100
pA
1.0
100
V
2.7
10.0
Operating Voltage Range
Input Bias Current (Note 1)
VSS -
VDD +
0.25
0.25
Input Common-Mode Voltage Range
±6
MAX4164
±0.5
±5
±0.5
±3
Input Offset Voltage
±4
MAX4162
±0.5
±4
mV
±5
MAX4163
UNITS
MIN
TYP
MAX
PARAMETER
VCM = (VSS - 0.25V) to (VDD + 0.25V)
V
pF
0.7
Differential Input Capacitance
µA
27
45
Supply Current (per amplifier)
T
Ω
>10
Differential Input Resistance
µV/°C
2
Input Offset Voltage Tempco
TA = +25°C
TA = -40°C to +85°C
AV = +1V/V
To either supply rail
mA
Output Short-Circuit Current
0.1
15
Closed-Loop Output Resistance
Ω
VDD = 4.5V to 10V
dB
Power-Supply Rejection Ratio
200
80
110
Gain-Bandwidth Product
kHz
degrees
Phase Margin
12
60
Gain Margin
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com