Electronic Components Datasheet Search
  English  ▼

X  

MAX4270EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4270EEE
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4270EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4270EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4265–MAX4270 single-supply, voltage-feedback
op amps are capable of driving a 100
Ω load while main-
taining ultra-low distortion over a wide bandwidth. They
offer superior spurious-free dynamic range (SFDR) perfor-
mance: -90dBc or better at frequencies below 5MHz and
-60dBc at a 100MHz frequency. Additionally, input voltage
noise density is 8nV/
√Hz while operating from a single
+4.5V to +8.0V supply or from dual ±2.25V to ±4.0V sup-
plies. These features make the MAX4265–MAX4270 ideal
for use in high-performance communications and signal-
processing applications that require low distortion and
wide bandwidth.
The MAX4265 single and MAX4268 dual unity-gain-stable
amplifiers have up to a 300MHz gain-bandwidth product.
The MAX4266 single and MAX4269 dual amplifiers have
up to a 350MHz bandwidth at a minimum stable gain of
+2V/V. The MAX4267 single and MAX4270 dual amplifiers
have a 200MHz bandwidth at a minimum stable gain of
+5V/V.
For additional power savings, these amplifiers feature a
low-power disable mode that reduces supply current to
1.6mA and places the outputs in a high-impedance state.
The MAX4265/MAX4266/MAX4267 are available in a
space-saving 8-pin µMAX package, and the MAX4268/
MAX4269/MAX4270 are available in a 16-pin QSOP pack-
age.
Applications
Base-Station Amplifiers
IF Amplifiers
High-Frequency ADC Drivers
High-Speed DAC Buffers
RF Telecom Applications
High-Frequency Signal Processing
Features
o +4.5V to +8.0V Single-Supply Operation
o Superior SFDR with 100Ω Load
-90dBc (fC = 5MHz )
-60dBc (fC = 100MHz)
o 35dBm IP3 (fC = 20MHz)
o 8nV/√Hz Voltage Noise Density
o 100MHz 0.1dB Gain Flatness (MAX4268)
o 900V/µs Slew Rate
o ±45mA Output Driving Capability
o Shutdown Mode Places Outputs in High-
Impedance State
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
________________________________________________________________ Maxim Integrated Products
1
-20
-100
0.1M
10M
100M
-80
-90
-70
-60
-50
-40
-30
FREQUENCY (Hz)
1M
VOUT = 1Vp-p
MAX4269
MAX4270
MAX4268
RL = 100
Ω to VCC/2
19-1552; Rev 0; 10/99
Selector Guide
SFDR vs. Input Frequency
Ordering Information
*Future product—contact factory for availability.
14 SO
-40°C to +85°C
MAX4270ESD
16 QSOP
14 SO
16 QSOP
14 SO
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX4270EEE
MAX4269ESD
MAX4269EEE
MAX4268ESD
16 QSOP
8 SO
8 µMAX
8 SO
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
MAX4268EEE
MAX4267ESA*
MAX4267EUA*
MAX4266ESA*
8 µMAX
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX4266EUA*
PART
200
5
2
MAX4270
350
2
2
MAX4269
300
1
2
MAX4268
200
5
1
MAX4267
350
2
1
MAX4266
300
1
1
MAX4265
BANDWIDTH
(MHz)
MIN GAIN
(V/V)
NO. OF
OP AMPS
PART
8 SO
-40°C to +85°C
MAX4265ESA*
8 µMAX
-40°C to +85°C
MAX4265EUA*
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX4270EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4271 MAXIM-MAX4271 Datasheet
407Kb / 24P
3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
MAX4271 MAXIM-MAX4271 Datasheet
408Kb / 26P
3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Rev 2; 12/07
MAX4271-MAX4273 MAXIM-MAX4271-MAX4273 Datasheet
407Kb / 24P
3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
MAX4271ESA MAXIM-MAX4271ESA Datasheet
407Kb / 24P
3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
More results

Similar Description - MAX4270EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434 Datasheet
506Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com