Electronic Components Datasheet Search
  English  ▼

X  

MAX4270EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4270EEE
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4270EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4270EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, EN_ = 5V, RL = 100
Ω to VCC/2, MAX4268 AV = +1V/V, MAX4269 AV = +2V/V, MAX4270 AV = +5V/V, TA =+25°C,
unless otherwise noted.)
0
-100
0.1M
1M
10M
100M
1G
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
0
-90
10k
100k
1M
10M
100M
1G
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
-80
-70
FREQUENCY (Hz)
-50
-60
-20
-10
-30
-40
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
4.5
4.0
5.0
0
200
400
600
800
1000
OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
LOAD (
Ω)
VOH
VOL
VCC
2.5V/div
OUTPUT
500mV/div
0V
5V
POWER-UP/POWER-DOWN RESPONSE
MAX4268/70 toc25
5
µs/div
0V
ENABLED
SHUT
DOWN
5V
SHUTDOWN/ENABLE RESPONSE
MAX4268/70 toc26
250ns/div
-1.20
-1.10
-1.15
-1.00
-1.05
-0.95
-0.90
4.5
6.0
6.5
5.0
5.5
7.0
7.5
8.0
INPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-0
-1.5
-1.0
-0.5
-3.5
-3.0
-2.5
-2.0
-4.0
-4.5
-5.0
4.5
6.0
6.5
5.0
5.5
7.0
7.5
8.0
INPUT BIAS CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com