Electronic Components Datasheet Search
  English  ▼

X  

MAX4270EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4270EEE
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4270EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4270EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4270EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, EN_ = 5V, RL = 100
Ω to VCC/2, MAX4268 AV = +1V/V, MAX4269 AV = +2V/V, MAX4270 AV = +5V/V, TA =+25°C,
unless otherwise noted.)
0.1
0.001
0.1M
10M
100M
0.01
FREQUENCY (Hz)
1M
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
VOUT = 1Vp-p
MAX4269
MAX4270
MAX4268
-20
-100
0.1M
10M
100M
SPURIOUS-FREE DYNAMIC RANGE
vs. FREQUENCY
-80
-90
-70
-60
-50
-40
-30
FREQUENCY (Hz)
1M
VOUT = 1Vp-p
MAX4269
MAX4270
MAX4268
60
20
0.1M
10M
100M
TWO-TONE THIRD-ORDER
INTERCEPT vs. FREQUENCY
30
25
35
40
45
50
55
FREQUENCY (Hz)
1M
MAX4269
MAX4270
MAX4268
1
10k
1M
100
10
1k
100k
10M
VOLTAGE NOISE vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
1000
100
10
1
0.1
0.01
0.1M
10M
100M
1M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
0
-120
0.1M
10M
100M
1M
1G
MAX4268/MAX4269/MAX4290
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0.020
0.015
0.010
0.005
0.000
-0.005
MAX4268
DIFFERENTIAL GAIN AND PHASE
0.04
0.03
0.02
0.01
0.00
-0.01
IRE
100
10
IRE
100
RL = 150
Ω
10
0.020
0.010
0.000
-0.010
-0.020
-0.030
MAX4269
DIFFERENTIAL GAIN AND PHASE
0.012
0.008
0.004
0.000
-0.004
-0.008
IRE
100
10
IRE
100
RL = 150
Ω
10
0.006
0.004
0.002
0.000
-0.002
-0.004
-0.006
MAX4270
DIFFERENTIAL GAIN AND PHASE
0.010
0.000
-0.010
-0.020
-0.030
IRE
100
10
IRE
100
RL = 150
Ω
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com