Electronic Components Datasheet Search
  English  ▼

X  

MAX4289 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX4289 micropower, operational amplifier is opti-
mized for ultra-low supply voltage operation. The ampli-
fier consumes only 9µA of quiescent supply current and
is fully specified for operation from a single 1.0V to 5.5V
power supply. This ultra-low voltage operation together
with the low quiescent current consumption make the
MAX4289 ideal for use in battery-powered systems
operated from as little as a single alkaline cell. The
MAX4289 also features a wide input common-mode
range that includes the ground, and an output voltage
swing that is virtually Rail-to-Rail®, allowing almost all of
the power supply to be used for signal voltage.
The low input offset voltage and low input bias current
specifications along with the high open-loop gain make
the MAX4289 well-suited to applications requiring a
high degree of precision.
The MAX4289 is available in a tiny 6-pin SOT23 pack-
age. All specifications are guaranteed over the extend-
ed temperature range of -40°C to +85°C.
Applications
Features
o Ultra-Low Voltage Operation: Guaranteed
Specifications from 1.0V to 5.5V
o Input Common-Mode Range: 0 to (VCC - 0.2V)
o Ultra-Low Power Consumption: 9µA Supply
Current (typ)
o Optimized for Operation from Single-Cell
Battery-Powered Systems
o Compatible with 3.0V and 5.0V Single-Supply
Systems
o Low Offset Voltage: 0.2mV
o Low Input Bias Current: 5nA
o High Open-Loop Voltage Gain: 90dB
o Rail-to-Rail Output Stage Drives 5kΩ Load
o No Output Phase Reversal for Overdriven Inputs
o Available in a Tiny 6-Pin SOT23 (3mm ✕ 3mm)
1.0V Micropower, SOT23, Operational Amplifier
________________________________________________________________ Maxim Integrated Products
1
GND
IN-
IN+
16
VCC
OUT
MAX4289
SOT23-6
TOP VIEW
2
34
OUT
N.C.
GND
1
2
8
7
N.C.
VCC
IN-
IN+
N.C.
SO-8
3
4
6
5
MAX4289
5
N.C.
Pin Configurations
Typical Operating Characteristic
Ordering Information
19-2023; Rev 0; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4289EUT-T
-40°C to +85°C
6 SOT23-6
AARX
MAX4289ESA
-40°C to +85°C
8 SO
—
50
60
70
80
90
POWER-SUPPLY REJECTION RATIO
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.8
1.1
1.2
0.9
1.0
1.3
1.4
1.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
Single-Cell Systems
Portable Electronic
Equipment
Battery-Powered
Instrumentation
Hearing Aids Using Zinc
Air Battery
Strain Gauges
Cellular Phones
Notebook Computers
Sensor Amplifiers
Portable Communication
Devices
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4289

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX4289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
California Micro Device...
CMV1020 CALMIRCO-CMV1020 Datasheet
279Kb / 10P
MICROPOWER PRO OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100 Datasheet
267Kb / 8P
1.0V Micropower SOT23 Comparators
Rev 0; 10/00
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
Dual Micropower Operational Amplifier
logo
Intersil Corporation
CA3078 INTERSIL-CA3078_01 Datasheet
396Kb / 12P
2MHz,MicropowerOperationalAmplifier
May 2001
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP220 AD-OP220_02 Datasheet
368Kb / 12P
Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100_07 Datasheet
192Kb / 8P
1.0V Micropower SOT23 Comparators
Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com