Electronic Components Datasheet Search
  English  ▼

X  

MAX4289 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Power-Up Settling Time
The MAX4289 typically requires 300µs to power-up
after VCC is stable. During this startup time, the output
is indeterminate. The application circuit should allow for
this initial delay.
Driving Capacitive Loads
The MAX4289 is unity-gain stable for loads up to
200pF. Applications that require greater capacitive-
drive capability should use an isolation resistor
between the output and the capacitive load (Figure 4).
Note that this solution results in a loss of gain accuracy
because RISO forms a voltage-divider with the load
resistor.
Using the MAX4289 as a Comparator
Although optimized for use as an operational amplifier,
the MAX4289 can also be used as a rail-to-rail I/O com-
parator (Figure 5). External hysteresis can be used to
minimize the risk of output oscillation. The positive feed-
back circuit, shown in Figure 5, causes the input thresh-
old to change when the output voltage changes state.
Power Supplies and Layout
The MAX4289 operates from a single 1V to 5.5V power
supply. Bypass the power with a 0.1µF capacitor to
ground.
Good layout techniques optimize performance by
decreasing the amount of stray capacitance at the op
amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins.
1.0V Micropower, SOT23, Operational Amplifier
_______________________________________________________________________________________
7
50
60
70
80
90
POWER-SUPPLY REJECTION RATIO
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.8
1.1
1.2
0.9
1.0
1.3
1.4
1.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
Figure 3. PSRR vs. VCC Over the Temperature Range
RISO
CL
RL
AV =
≈ 1
RL
RL + RISO
MAX4289
Figure 4. Using a Resistor to Isolate a Capacitive Load from
the Op Amp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com