Electronic Components Datasheet Search
  English  ▼

X  

MAX4289 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4289
Description  1.0V Micropower, SOT23, Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4289 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4289 Datasheet HTML 1Page - Maxim Integrated Products MAX4289 Datasheet HTML 2Page - Maxim Integrated Products MAX4289 Datasheet HTML 3Page - Maxim Integrated Products MAX4289 Datasheet HTML 4Page - Maxim Integrated Products MAX4289 Datasheet HTML 5Page - Maxim Integrated Products MAX4289 Datasheet HTML 6Page - Maxim Integrated Products MAX4289 Datasheet HTML 7Page - Maxim Integrated Products MAX4289 Datasheet HTML 8Page - Maxim Integrated Products MAX4289 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX4289 consumes ultra-low power (9µA supply
current typically) and has a rail-to-rail output stage that
is specifically designed for low-voltage operation. The
input common-mode voltage range extends from VCC -
0.2V to ground, although full rail-to-rail input range is
possible with degraded performance. The input offset
voltage is typically 200µV. Low-operating supply volt-
age, low supply current, and rail-to-rail outputs make
this operational amplifier an excellent choice for preci-
sion or general-purpose, low-voltage, battery-powered
systems.
Rail-to-Rail Output Stage
The MAX4289 output stage can drive a 5k
Ω load and
still swing to within 7mV of the rails. Figure 1 shows the
output voltage swing of the MAX4289 configured as a
unity-gain buffer, powered from a single 2V supply volt-
age. The output for this setup typically swings from
+0.4mV to (VCC - 0.2mV) with a 100k
Ω load.
Applications Information
Power-Supply Considerations
The MAX4289 operates from a single 1.0V to 5.5V supply
and consumes only 9µA of supply current. A high power-
supply rejection ratio of 75dB allows the amplifier to be
powered directly off a decaying battery voltage, simplify-
ing design and extending battery life. The MAX4289 is
ideally suited for single-cell battery-powered systems.
Figures 2 and 3 show the supply current and PSRR as a
function of supply voltage and temperature.
1.0V Micropower, SOT23, Operational Amplifier
6
_______________________________________________________________________________________
Pin Description
PIN
SO
SOT23
NAME
FUNCTION
1, 5, 8
5
N.C.
No Connection. Not internally connected.
2
4
IN-
Inverting Input
3
3
IN+
Noninverting Input
4
2
GND
Ground
6
1
OUT
Amplifier Output
76
VCC
Positive Supply. Bypass with a 0.1µF capacitor to GND.
200
µs/div
IN
500mV/div
OUT
500mV/div
VIN = 2.0V
fIN = 1kHz
RL = 100k
Ω
Figure 1. Rail-to-Rail Input/Output Voltage Range
0
5
15
10
20
25
02
1
3
456
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
Figure 2. ICC vs. VCC Over the Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com