Electronic Components Datasheet Search
  English  ▼

X  

MAX4321 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4321
Description  Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4321 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4321 Datasheet HTML 1Page - Maxim Integrated Products MAX4321 Datasheet HTML 2Page - Maxim Integrated Products MAX4321 Datasheet HTML 3Page - Maxim Integrated Products MAX4321 Datasheet HTML 4Page - Maxim Integrated Products MAX4321 Datasheet HTML 5Page - Maxim Integrated Products MAX4321 Datasheet HTML 6Page - Maxim Integrated Products MAX4321 Datasheet HTML 7Page - Maxim Integrated Products MAX4321 Datasheet HTML 8Page - Maxim Integrated Products MAX4321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Cost, Low-Voltage, Rail-to-Rail,
Input/Output, SOT23 5MHz Op Amp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5.0V, VEE = 0, VCM = 0, VOUT = VCC/2, RL =
∞ connected to VCC/2, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................-0.3V to +7V
All Other Pins ..................................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration.....................................Continuous
(short to either supply)
Continuous Power Dissipation
5-pin SOT23 (derate 7.1mW/°C above +70°C)...........571mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC - VEE
2.4
6.5
V
VCC = +2.4V
650
Supply Current
VCM = VOUT = VCC/2
VCC = +6.5V
725
µA
Input Offset Voltage
VOS
VCM = VEE or VCC
±1.2
±3.5
mV
Input Bias Current
IBIAS
VCM = VEE or VCC
±50
±150
nA
Input Offset Current
IOFFSET
VCM = VEE or VCC
±4
±25
nA
Differential Input
Resistance
RIN
-1.5V < VDIFF <+1.5V
500
k
Ω
Common-Mode Input Voltage
Range
VCM
Inferred from CMRR test
VEE
VCC
V
Common-Mode Rejection
Ratio
CMRR
VEE
≤ VCM ≤ VCC
60
91
dB
Power-Supply Rejection Ratio
PSRR
2.4V < VCC < 6.5V
66
100
dB
Output Resistance
ROUT
AV = +1V/V
0.1
Ω
VOUT = 0.25V to 4.75V, RL = 100k
Ω
103
VOUT = 0.40V to 4.60V, RL = 600
Ω
100
Large-Signal Voltage Gain
AV
VOUT = 0.40V to 4.60V, RL = 250
Ω
70
86
dB
VCC - VOH
25
RL = 100k
Ω
VOL - VEE
20
VCC - VOH
135
RL = 600
Ω
VOL - VEE
60
VCC - VOH
200
300
Output Voltage Swing
VOUT
RL = 250
Ω
VOL - VEE
100
200
mV
Output Short-Circuit Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com