Electronic Components Datasheet Search
  English  ▼

X  

MAX4321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4321
Description  Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4321 Datasheet HTML 1Page - Maxim Integrated Products MAX4321 Datasheet HTML 2Page - Maxim Integrated Products MAX4321 Datasheet HTML 3Page - Maxim Integrated Products MAX4321 Datasheet HTML 4Page - Maxim Integrated Products MAX4321 Datasheet HTML 5Page - Maxim Integrated Products MAX4321 Datasheet HTML 6Page - Maxim Integrated Products MAX4321 Datasheet HTML 7Page - Maxim Integrated Products MAX4321 Datasheet HTML 8Page - Maxim Integrated Products MAX4321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Cost, Low-Voltage, Rail-to-Rail,
Input/Output, SOT23 5MHz Op Amp
_______________________________________________________________________________________
5
250
0
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
50
200
TEMPERATURE (
°C)
150
100
RL TO VCC
VCC = 6.5V, RL = 500
Ω
VCC = 2.7V, RL = 100k
Ω
VCC = 2.7V, RL = 500
Ω
VCC = 6.5V, RL = 100k
Ω
0
50
100
150
200
250
300
-40 -25 -10
5
20
35
50
65
80
95
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RL TO VEE
VCC = 6.5V, RL = 500
Ω
VCC = 2.7V, RL = 100k
Ω (BOTTOM)
VCC = 2.7V, RL = 500
Ω
VCC = 6.5V, RL = 100k
Ω (TOP)
120
60
0
600
110
OUTPUT VOLTAGE: FROM VCC (mV)
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 2.7V
RL TO VEE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
120
60
0
600
110
OUTPUT VOLTAGE: FROM VCC (mV)
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 6.5V
RL TO VEE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
120
60
0
600
110
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
VCC = 2.7V
RL TO VCC
OUTPUT VOLTAGE: FROM VEE (mV)
120
60
0
600
110
300
90
80
70
100
200
500
100
400
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
VCC = 6.5V
RL TO VCC
RL = 500
Ω
RL = 100k
Ω
RL = 10k
Ω
RL = 2k
Ω
OUTPUT VOLTAGE: FROM VEE (mV)
125
75
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
85
115
TEMPERATURE (
°C)
105
95
80
90
120
110
100
VCC = 2.7V,
RL TO VEE
VCC = 6.5V, RL TO VCC
VCC = 2.7V, RL TO VCC
RL = 500
Ω
VOUT(p-p) = VCC - 1V
VCC = 6.5V,
RL TO VEE
125
75
-40 -25 -10
5
20
35
50
65
80
95
LARGE-SIGNAL GAIN
vs. TEMPERATURE
85
115
TEMPERATURE (
°C)
105
95
80
90
120
110
100
VOUT(p-p) = VCC - 600mV
RL = 100k
Ω
VCC = 6.5V, RL TO VEE
VCC = 2.7V, RL TO VCC
VCC = 2.7V, RL TO VEE
VCC = 6.5V, RL TO VCC
1.2
1.3
1.5
1.4
1.6
1.7
1.8
1.9
-40 -25 -10
5
20
35
50
65
80
95
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = VCC/2, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com