Electronic Components Datasheet Search
  English  ▼

X  

MAX4321 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4321
Description  Low-Cost, Low-Voltage, Rail-to-Rail, Input/Output, SOT23 5MHz Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4321 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4321 Datasheet HTML 1Page - Maxim Integrated Products MAX4321 Datasheet HTML 2Page - Maxim Integrated Products MAX4321 Datasheet HTML 3Page - Maxim Integrated Products MAX4321 Datasheet HTML 4Page - Maxim Integrated Products MAX4321 Datasheet HTML 5Page - Maxim Integrated Products MAX4321 Datasheet HTML 6Page - Maxim Integrated Products MAX4321 Datasheet HTML 7Page - Maxim Integrated Products MAX4321 Datasheet HTML 8Page - Maxim Integrated Products MAX4321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, Low-Voltage, Rail-to-Rail,
Input/Output, SOT23 5MHz Op Amp
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = +5.0V, VEE = 0, VCM = 0, VOUT = VCC/2, RL =
∞ connected to VCC/2, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS
(VCC = +5.0V, VEE = 0, VCM = 0, VOUT = VCC/2, RL = 250
Ω connected to VCC/2, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC - VEE
2.4
6.5
V
Supply Current
ICC
VCM = VOUT = VCC/2
1200
µA
Input Offset Voltage
VOS
VCM = VEE or VCC
±6mV
Input Offset Voltage
Temperature Coefficient
±2
µV/°C
Input Bias Current
IBIAS
VCM = VEE or VCC
±180
nA
Input Offset Current
IOFFSET
VCM = VEE or VCC
±50
nA
Common-Mode Input Voltage
Range
VCM
Inferred from CMRR test
VEE
VCC
V
Common-Mode Rejection Ratio
CMRR
VEE
≤ VCM ≤ VCC
54
dB
Power-Supply Rejection Ratio
PSRR
2.4V < VCC < 6.5V
62
dB
Large-Signal Voltage Gain
AV
VOUT = 0.40V to 4.60V, RL = 250
Ω
66
dB
VCC - VOH
350
Output Voltage Swing
VOUT
R = 250
Ω
VOL - VEE
250
mV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain-Bandwidth Product
GBP
5
MHz
Phase Margin
64
degrees
Gain Margin
12
dB
Total Harmonic Distortion
and Noise
THD+N
10kHz tone, VOUT = 2Vpp,
AV = +1V/V
0.003
%
Slew Rate
SR
VOUT = 1V step
2
V/
µs
Settling Time to 0.01%
tSETTLE
VOUT = 2V step, AV = +1V/V
2
µs
Turn-On Time
tON
VCC = 0 to 3V step
1
µs
Input Capacitance
CIN
3pF
Input Noise Voltage Density
f = 1kHz
22
nV/
√ Hz
Input Noise Current Density
f = 1kHz
0.4
pA/
√Hz
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com