Electronic Components Datasheet Search
  English  ▼

X  

ICS650-41 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS650-41
Description  Packaged in 16-pin TSSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS650-41 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS650-41 Datasheet HTML 1Page - Integrated Device Technology ICS650-41 Datasheet HTML 2Page - Integrated Device Technology ICS650-41 Datasheet HTML 3Page - Integrated Device Technology ICS650-41 Datasheet HTML 4Page - Integrated Device Technology ICS650-41 Datasheet HTML 5Page - Integrated Device Technology ICS650-41 Datasheet HTML 6Page - Integrated Device Technology ICS650-41 Datasheet HTML 7Page - Integrated Device Technology ICS650-41 Datasheet HTML 8Page - Integrated Device Technology ICS650-41 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICS650-41
SPREAD SPECTRUM CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
4
ICS650-41
REV G 102709
1) The 0.01µF decoupling capacitors should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between the decoupling
capacitors and VDD pins. The PCB trace to VDD pins
should be kept as short as possible, as should the PCB
trace to the ground via.
2) The external crystal should be mounted just next to the
device with short traces. The X1 and X2 traces should not
be routed next to each other with minimum spaces, instead
they should be separated and away from other traces.
3) To minimize EMI, the 33
Ω series termination resistor (if
needed) should be placed close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers. Other signal traces should be routed away from the
ICS650-41. This includes signal traces just underneath the
device, or on layers adjacent to the ground plane layer used
by the device.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-41. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature (max. of 10 seconds)
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
–
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.3
+3.465
V
Power Supply Voltage (VDDO)
+2.375
+2.5
+2.625
V
Power Supply Ramp Time, Figure 4
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com