Electronic Components Datasheet Search
  English  ▼

X  

ICS650-41 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS650-41
Description  Packaged in 16-pin TSSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS650-41 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS650-41 Datasheet HTML 1Page - Integrated Device Technology ICS650-41 Datasheet HTML 2Page - Integrated Device Technology ICS650-41 Datasheet HTML 3Page - Integrated Device Technology ICS650-41 Datasheet HTML 4Page - Integrated Device Technology ICS650-41 Datasheet HTML 5Page - Integrated Device Technology ICS650-41 Datasheet HTML 6Page - Integrated Device Technology ICS650-41 Datasheet HTML 7Page - Integrated Device Technology ICS650-41 Datasheet HTML 8Page - Integrated Device Technology ICS650-41 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS650-41
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
1
ICS650-41
REV G 102709
Description
The ICS650-41 is a spread spectrum clock synthesizer
intended for video projector applications. It generates an
EMI optimized 50 MHz clock signal (EMI peak reduction of
7 to 14 dB on 3rd through 19th harmonics) through the use
of Spread Spectrum techniques from a 25 MHz crystal or
clock input. For the 50 MHz output, the modulation rate is
50 kHz.
In addition to the EMI optimized clock signal, the device
generates a 48 MHz clock for USB.
Features
• Packaged in 16-pin TSSOP (173 mil)
• Supply voltages: VDD = 3.3 V, VDDO = 2.5 V
• Peak-to-peak jitter: ±125 ps typ
• Output duty cycle 45/55% (worst case)
• Guarantees +85°C operational condition
• 25 MHz crystal or reference clock input
• Zero (0) ppm frequency error on all output clocks
• Advanced, low-power CMOS process
• Industrial temperature range
Block Diagram
Crystal
OSC
GND
2
3
VDD
PLL2
Control
Logic
50M
X2
25 MHz crystal
or clock input
External capacitors are
required with a crystal
input.
X1/CLKIN
48M
FS3:0
VDDO
PDTS
PLL1 with
Spread
Spectrum
SS_EN


Similar Part No. - ICS650-41

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
Spread Spectrum Clock Synthesizer
Revision 082305
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
More results

Similar Description - ICS650-41

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK3722 IDT-MK3722 Datasheet
184Kb / 7P
VCXO PLUS AUDIO CLOCK FOR STB Packaged in 16-pin TSSOP
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
Packaged in 16-pin TSSOP
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
16-pin TSSOP package
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
ICS670-01 IDT-ICS670-01 Datasheet
103Kb / 7P
Packaged in 16-pin SOIC
ICS670-02 IDT-ICS670-02 Datasheet
200Kb / 7P
Packaged in 16-pin SOIC
ICS670-03 IDT-ICS670-03 Datasheet
202Kb / 7P
Packaged in 16-pin SOIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com