Electronic Components Datasheet Search
  English  ▼

X  

ICS650-41 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS650-41
Description  Packaged in 16-pin TSSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS650-41 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS650-41 Datasheet HTML 3Page - Integrated Device Technology ICS650-41 Datasheet HTML 4Page - Integrated Device Technology ICS650-41 Datasheet HTML 5Page - Integrated Device Technology ICS650-41 Datasheet HTML 6Page - Integrated Device Technology ICS650-41 Datasheet HTML 7Page - Integrated Device Technology ICS650-41 Datasheet HTML 8Page - Integrated Device Technology ICS650-41 Datasheet HTML 9Page - Integrated Device Technology ICS650-41 Datasheet HTML 10Page - Integrated Device Technology ICS650-41 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICS650-41
SPREAD SPECTRUM CLOCK SYNTHESIZER
CLOCK SYNTHESIZER
IDT™ / ICS™ SPREAD SPECTRUM CLOCK SYNTHESIZER
8
ICS650-41
REV G 102709
Timing Diagrams
Figure 1: Test and Measurement Setup
Figure 3: Rise and Fall Time Definitions
Figure 5: PDTS to Stable Clock Output Timing
Figure 2: Duty Cycle Definitions
Figure 4: Power Up and PLL Lock Timing
Figure 6: Short Term Jitter Definition
DUT
0.01µF
C
LOAD
VDDs
GND
Outputs
VDDO
t
3
Clock
Output
t
4
0V
80% of VDDO
20% of VDDO
1.25 V
PD TS
CLK
Outputs
VO H
t
EN
0 V
t
DIS
1%
1.25 V
VD D O
t
2
Clo c k
t
1
0V
50% o f V D D O
4 ms
10 ms
VDD
0V
VDD
0V
0 ms
Power Up
Tim e
VCO Ram p
Time
PLL Locked
Absolute jitter
(p - p)
Mean value
tJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com