Electronic Components Datasheet Search
  English  ▼

X  

MAX4312EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4312EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4312EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4312EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
10
______________________________________________________________________________________
MAX4314
SMALL-SIGNAL PULSE RESPONSE
10ns/div
IN
(50mV/div)
OUT
(50mV/div)
MAX4315
SMALL-SIGNAL PULSE RESPONSE
10ns/div
IN
(50mV/div)
OUT
(50mV/div)
IN
(50mV/div)
OUT
(50mV/div)
MAX4310
SMALL-SIGNAL PULSE RESPONSE
(CL = 10pF)
10ns/div
IN
(50mV/div)
OUT
(50mV/div)
MAX4313
SMALL-SIGNAL PULSE RESPONSE
(CL = 22pF)
10ns/div
IN
(50mV/div)
OUT
(50mV/div)
MAX4310
SMALL-SIGNAL PULSE RESPONSE
(CL = 22pF)
10ns/div
IN
(50mV/div)
OUT
(50mV/div)
MAX4313
SMALL-SIGNAL PULSE RESPONSE
(CL = 10pF)
10ns/div
A0
(2.5V/div)
OUT
(10mV/div)
CHANNEL-SWITCHING TRANSIENT
20ns/div
SHDN
(2.0V/div)
OUT
(1V/div)
SHUTDOWN RESPONSE TIME
100ns/div
Typical Operating Characteristics (continued)
(VCC = +5V; VEE = 0; SHDN ≥ 4V; RL = 150Ω to VCC/2; VCM = 1.5V; AVCL = +1V/V (MAX4310/MAX4311/MAX4312), AVCL = +2V/V
(MAX4313/MAX4314/MAX4315); TA = +25°C; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com