Electronic Components Datasheet Search
  English  ▼

X  

MAX4312EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4312EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4312EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4312EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
12
______________________________________________________________________________________
_______________Detailed Description
The MAX4310/MAX4311/MAX4312 combine 2-channel,
4-channel, or 8-channel multiplexers, respectively, with
an adjustable-gain output amplifier optimized for
closed-loop gains of +1V/V (0dB) or greater. The
MAX4313/MAX4314/MAX4315 combine 2-channel, 4-
channel, or 8-channel multiplexers, respectively, with a
+2V/V (6dB) fixed-gain amplifier, optimized for driving
back-terminated cables. These devices operate from a
single supply voltage of +4V to +10.5V, or from dual
supplies of ±2V to ±5.25V. The outputs may be placed
in a high-impedance state and the supply current mini-
mized by forcing the SHDN pin low. The input multi-
plexers feature short 40ns channel-switching times and
small 10mVp-p switching transients. The input capaci-
tance remains constant at 1pF whether the channel is
on or off, providing a predictable input impedance to
the signal source. These devices feature single-supply,
rail-to-rail, voltage-feedback output amplifiers that
achieve up to 540V/µs slew rates and up to 345MHz -3dB
bandwidths. These devices also feature excellent har-
monic distortion and differential gain/phase perfor-
mance.
__________Applications Information
Rail-to-Rail Outputs, Ground-Sensing Input
The input common-mode range extends from the nega-
tive supply rail to VCC - 2.7V with excellent common-
mode rejection. Beyond this range, multiplexer
switching times may increase and the amplifier output
is a nonlinear function of the input, but does not under-
go phase reversal or latchup.
The output swings to within 250mV of VCC and 40mV of
VEE with a 10k
Ω load. With a 150Ω load to ground, the
output swings from 30mV above VEE to within 730mV of
the supply rail. Local feedback around the output stage
ensures low open-loop output impedance to reduce
gain sensitivity to load variations. This feedback also
produces demand-driven bias current to the output
transistors for ±95mA drive capability while constrain-
ing total supply current to only 6.1mA.
Feedback and Gain Resistor Selection
(MAX4310/MAX4311/MAX4312)
Select the MAX4310/MAX4311/MAX4312 gain-setting
feedback (RF) and input (RG) resistors to fit your applica-
tion. Large resistor values increase voltage noise and
interact with the amplifier’s input and PC board capaci-
tance. This can generate undesirable poles and zeros,
and can decrease bandwidth or cause oscillations. For
example, a noninverting gain of +2V/V configuration (RF
= RG) using 1k
Ω resistors, combined with 2pF of input
capacitance and 1pF of PC board capacitance, causes
a pole at 159MHz. Since this pole is within the amplifier
bandwidth, it jeopardizes stability. Reducing the 1k
Ω
resistors to 100
Ω extends the pole frequency to
1.59GHz, but could limit output swing by adding 200
Ω in
parallel with the amplifier’s load resistor.
Table 1 shows suggested RF and RG values for the
MAX4310/MAX4311/MAX4312 when operating in the
noninverting configuration (shown in Figure 1). These
values provide optimal AC response using surface-
mount resistors and good layout techniques, as dis-
cussed in the
Layout and Power-Supply Bypassing
section.
Stray capacitance at the FB pin causes feedback resis-
tor decoupling and produces peaking in the frequency-
response curve. Keep the capacitance at FB as low as
possible by using surface-mount resistors and by
avoiding the use of a ground plane beneath or beside
these resistors and the FB pin. Some capacitance is
unavoidable; if necessary, its effects can be neutralized
by adjusting RF. Use 1% resistors to maintain consis-
tency over a wide range of production lots.
MAX4310
RT
75
Ω
8
OUT
7
FB
IN0
IN1
4
5
1
A0
RT
75
Ω
RG
RF
75
Ω CABLE
RT
75
Ω
RT
75
Ω
75
Ω CABLE
75
Ω CABLE
Figure 1. MAX4310 Noninverting Gain Configuration
Table 1. Bandwidth and Gain with
Suggested Gain-Setting Resistors
(MAX4310/MAX4311/MAX4312)
GAIN
(V/V)
GAIN
(dB)
RF
(
Ω)
RG
(
Ω)
-3dB BW
(MHz)
0.1dB BW
(MHz)
80
280
500
∞
500
0
6
0
1
2
5
14
500
120
4
20
2
10
56
500
20
10
30
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com