Electronic Components Datasheet Search
  English  ▼

X  

MAX4312EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4312EEE
Description  High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4312EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4312EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 17Page - Maxim Integrated Products MAX4312EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
High-Speed, Low-Power, Single-Supply,
Multichannel, Video Multiplexer-Amplifiers
14
______________________________________________________________________________________
The bypass capacitors should include a 100nF, ceram-
ic surface-mount capacitor between each supply pin
and the ground plane, located as close to the package
as possible. Optionally, place a 10µF tantalum capaci-
tor at the power-supply pins’ point of entry to the PC
board to ensure the integrity of incoming supplies. The
power-supply trace should lead directly from the tanta-
lum capacitor to the VCC and VEE pins. To minimize
parasitic inductance, keep PC traces short and use sur-
face-mount components.
If input termination resistors and output back-termination
resistors are used, they should be surface-mount types,
and should be placed as close to the IC pins as possible.
Video Line Driver
The MAX4310–MAX4315 are well-suited to drive coaxial
transmission lines when the cable is terminated at both
ends, as shown in Figure 5. Cable frequency response
can cause variations in the signal’s flatness.
MAX4313
RT
75
Ω
8
OUT
IN0
IN1
4
5
17
GND
A0
RT
75
Ω
500
Ω
500
Ω
75
Ω CABLE
OUT
RT
75
Ω
RT
75
Ω
75
Ω CABLE
75
Ω CABLE
Figure 5. Video Line Driver
100M
1G
-6
4
3
2
0
-1
-2
-3
-4
-5
1
100k
1M
10M
FREQUENCY (Hz)
VOUT = 100mVp-p
10pF LOAD
5pF LOAD
15pF LOAD
Figure 6. Small-Signal Gain vs. Frequency with Capacitive
Load and No Isolation Resistor
MAX4313
RISO
8
OUT
IN0
IN1
4
5
17
GND
A0
RL
CL
500
Ω
500
Ω
RT
75
Ω
RT
75
Ω
75
Ω CABLE
75
Ω CABLE
Figure 7. Using an Isolation Resistor (RISO) for High
Capacitive Loads
10
15
20
25
30
0
50
100
150
200
250
CAPACITIVE LOAD (pF)
Figure 8. Optimal Isolation Resistance vs. Capacitive Load
100M
1G
-6
4
3
2
0
-1
-2
-3
-4
-5
1
100k
1M
10M
FREQUENCY (Hz)
VOUT = 100mVp-p
47pF LOAD
90pF LOAD
120pF LOAD
Figure 9. Small-Signal Gain vs. Frequency with Load
Capacitance and 27
Ω Isolation Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com