Electronic Components Datasheet Search
  English  ▼

X  

MAX4392ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4392ESA
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4392ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4392ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX4389/MAX4390/MAX4392–MAX4396 family of
op amps are unity-gain stable devices that combine
high-speed performance, Rail-to-Rail® outputs, and dis-
able mode. These devices are targeted for applications
where an input or an output is exposed to the outside
world, such as video and communications.
The MAX4389/MAX4390/MAX4392–MAX4396 operate
from a single 4.5V to 11V supply or from dual ±2.25V to
±5.5V supplies. The common-mode input voltage range
extends to the negative power-supply rail (ground in sin-
gle-supply applications). The MAX4389/MAX4390/
MAX4392–MAX4396 consume only 5.5mA of quiescent
supply current per amplifier while achieving a 85MHz
-3dB bandwidth, 27MHz 0.1dB gain flatness, and a
500V/µs slew rate. Disable mode sets the outputs to high
impedance while consuming only 450µA of current.
The MAX4389 single, MAX4393 dual, MAX4394 triple,
and MAX4396 quad include disable capabilities. The
MAX4389 and MAX4390 are available in ultra-small,
6-pin SC70 packages.
Applications
Set-Top Boxes
Surveillance Video Systems
Analog-to-Digital Converter Interface
CCD Imaging Systems
Digital Cameras
Video-on-Demand
Video Line Driver
Features
o Low Cost
o High Speed
85MHz -3dB Bandwidth
27MHz 0.1dB Gain Flatness
500V/µs Slew Rate
o Single 4.5V to 11V or Dual ±2.25V to ±5.5V
Operation
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends to VEE
o Low Differential Gain/Phase: 0.015%/0.015°
o Low Distortion at 5MHz
-59dBc Spurious-Free Dynamic Range
o High Output Drive: ±50mA
o 450µA Disable Capability
(MAX4389/MAX4393/MAX4394/MAX4396)
o Space-Saving SC70, SOT23, µMAX, or TSSOP
Packages
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
________________________________________________________________ Maxim Integrated Products
1
VEE
IN-
IN+
16
VCC
5
DISABLE
OUT
MAX4389
SC70/SOT23
TOP VIEW
2
34
Pin Configurations
19-2322; Rev 2; 9/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4389EXT-T
-40°C to +85°C
6 SC70-6
ABF
MAX4389EUT-T
-40°C to +85°C
6 SOT23-6
ABDC
MAX4390EXT-T
-40°C to +85°C
6 SC70-6
ABE
MAX4390EUK-T
-40°C to +85°C
5 SOT23-5
ADZM
Pin Configurations continued at end of data sheet.
200
Ω
200
Ω
75
Ω
75
Ω
IN
OUT
VIDEO LINE DRIVER
Zo = 75
Ω
DISABLE
MAX4389
Typical Operating Circuit
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ordering Information continued at end of data sheet.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX4392ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4392ESA+T MAXIM-MAX4392ESA+T Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
logo
Analog Devices
MAX4392ESA+T AD-MAX4392ESA+T Datasheet
2Mb / 18P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 8; 1/22
More results

Similar Description - MAX4392ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4389 MAXIM-MAX4389_09 Datasheet
576Kb / 24P
Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 4; 11/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com