Electronic Components Datasheet Search
  English  ▼

X  

MAX4392ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4392ESA
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4392ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4392ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—Dual Supply
(VCC = 5V, VEE = -5V, VCM = 0V, VOUT = 0V, RL =
∞ to 0, DISABLE_ = VCC (MAX4389/MAX4393/MAX4394/MAX4396),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
VCM
Guaranteed by CMRR test
VEE
VCC - 2.25
V
TA = +25°C7
20
Input Offset Voltage
VOS
TA = -40°C to +85°C28
mV
Input Offset Voltage Matching
MAX4392–MAX4396
1
mV
Input Offset Voltage Tempco
TCVOS
20
µV/°C
Input Bias Current
IB
515
µA
Input Offset Current
IOS
0.5
5
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Ω
Input Resistance
RIN
Common mode (-0.2V
≤ VCM ≤ +2.75V)
3
M
Ω
Common-Mode Rejection
Ratio
CMRR
VEE
≤ VCM ≤ (VCC - 2.25V)
70
90
dB
-4.5V
≤ VOUT ≤ 4.5V, RL = 2kΩ
65
80
Open-Loop Gain
AVOL
-4.25V
≤ VOUT ≤ 4.25V, RL = 150Ω
50
60
dB
DC ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(VCC = 5V, VEE = 0V, VCM = VCC/2, VOUT = VCC/2, RL =
∞ to VCC/2, DISABLE_ = VCC (MAX4389/MAX4393/MAX4394/MAX4396),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
VEE = 0V, VCC = 4.5V to 5.5V
48
65
dB
Operating Supply Voltage
Range
VS
Guaranteed by PSRR
4.5
11
V
Disabled Output Resistance
ROUT(OFF)
DISABLE_ = 0, 0
≤ VOUT ≤ 5V
40
95
k
Ω
DISABLE_ Logic-Low Threshold
VIL
VCC - 3V
DISABLE_ Logic-High Threshold
VIH
VCC -
1.25
V
DISABLE_ Logic Input Low
Current
IIL
DISABLE_ = 0
20
60
µA
DISABLE_ Logic Input High
Current
IIH
DISABLE_ = VCC
540
µA
DISABLE_ = VCC
3.2
5
Quiescent Supply Current
(Per Amplifier)
IS
DISABLE_ = 0
0.3
0.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com