Electronic Components Datasheet Search
  English  ▼

X  

MAX4392ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4392ESA
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4392ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4392ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4392ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
______________________________________________________________________________________
13
Chip Information
MAX4389 TRANSISTOR COUNT: 70
MAX4390 TRANSISTOR COUNT: 70
MAX4392 TRANSISTOR COUNT: 204
MAX4393 TRANSISTOR COUNT: 204
MAX4394 TRANSISTOR COUNT: 298
MAX4395 TRANSISTOR COUNT: 396
MAX4396 TRANSISTOR COUNT: 396
PROCESS: BiCMOS
RG
RF
RISO
CL
VOUT
VIN
MAX438 _
Figure 2. Driving a Capacitive Load Through an Isolation Resistor
-5
-3
-4
100k
10M
100M
1M
1G
-1
FREQUENCY (Hz)
1
4
6
-6
-2
0
3
2
5
100pF
68pF
33pF
Figure 4. Small-Signal Gain vs. Frequency with Load
Capacitance and No Isolation Resistor
-5
-3
-4
100k
10M
100M
1M
1G
-1
FREQUENCY (Hz)
1
4
6
-6
-2
0
3
2
5
68pF
180pF
120pF
Figure 5. Small-Signal Gain vs. Frequency with Load
Capacitance and 27
Ω Isolation Resistor
15
16
14
13
10
11
12
9
CLOAD (pF)
50
0
100
200
300
150
250
350 400 450 500 550
LARGE SIGNAL
(VOUT = 2VP-P)
SMALL SIGNAL
(VOUT = 100mVP-P)
Figure 3. Isolation Resistance vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com