Electronic Components Datasheet Search
  English  ▼

X  

MAX4444ESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4444ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4444ESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4444ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INPUT
25mV/div
OUTPUT
50mV/div
5ns/div
MAX4444
SMALL-SIGNAL PULSE RESPONSE
INPUT
25mV/div
OUTPUT
50mV/div
5ns/div
MAX4445
SMALL-SIGNAL PULSE RESPONSE
INPUT
250mV/div
OUTPUT
500mV/div
5ns/div
MAX4444
LARGE-SIGNAL PULSE RESPONSE
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, VEN = 5V, VIN = VIN+ - VIN-, RL = 100Ω, REF = GND, AV = +2V/V, TA = +25°C, unless otherwise noted.)
100M
1G
-5
-4
-3
-2
-1
0
1
3
2
4
5
100k
1M
10M
MAX4444
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 100mVp-p
100M
1G
-6
-5
-4
-3
-2
-1
0
2
1
3
4
100k
1M
10M
MAX4445
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 100mVp-p
100M
1G
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0.8
0.9
100k
1M
10M
MAX4444
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 100mVp-p
100M
1G
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.4
0.3
0.5
0.6
100k
1M
10M
MAX4445
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 100mVp-p
100M
1G
-5
-4
-3
-2
-1
0
1
3
2
4
5
100k
1M
10M
MAX4444
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 2Vp-p
100M
1G
-6
-5
-4
-3
-2
-1
0
2
1
3
4
100k
1M
10M
MAX4445
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (Hz)
VOUT = 2Vp-p



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com