Electronic Components Datasheet Search
  English  ▼

X  

MAX4444ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4444ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4444ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX4444ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
_______________________________________________________________________________________
7
0
2
4
6
8
10
12
-40
-10
-25
5
2035506580
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0
1
3
2
4
5
-40
-15
10
35
60
85
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
EN = GND
Pin Description
PIN
FUNCTION
MAX4444
MAX4445
1, 2
1, 2
Positive Power-Supply Input. Bypass with a 0.1µF capacitor to GND.
3
3
Inverting Amplifier Input
4, 5
—
No Connection. Not internally connected. Connect to GND for best AC perfor-
mance.
9
9
Active-High Enable Input. Connect to VCC for normal operation. Connect to GND
for disable mode.
7, 8, 11–14
7, 8, 11–14
Negative Supply Input. Bypass with a 0.1µF capacitor.
6
6
Noninverting Amplifier Input
—
4, 5
Resistor Gain Input. Connect a resistor between these pins to set closed-loop
gain (Figure 1).
16
16
Ground
15
15
Amplifier Output
10
10
Reference Input. Connect to midpoint of the two power supplies.
NAME
VCC
IN-
N.C.
EN
VEE
IN+
RG
GND
OUT
REF
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = 5V, VIN = VIN+ - VIN-, RL = 100Ω, REF = GND, AV = +2V/V, TA = +25°C, unless otherwise noted.)
35
38
37
36
39
40
41
42
43
44
45
-40
10
-15
35
60
85
QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
EN = 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com